Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3052 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MOC3052
Description  6-Pin DIP Random-Phase Optoisolators Triac Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3052 Datasheet(HTML) 5 Page - Motorola, Inc

  MOC3052 Datasheet HTML 1Page - Motorola, Inc MOC3052 Datasheet HTML 2Page - Motorola, Inc MOC3052 Datasheet HTML 3Page - Motorola, Inc MOC3052 Datasheet HTML 4Page - Motorola, Inc MOC3052 Datasheet HTML 5Page - Motorola, Inc MOC3052 Datasheet HTML 6Page - Motorola, Inc MOC3052 Datasheet HTML 7Page - Motorola, Inc MOC3052 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOC3051 MOC3052
5
Motorola Optoelectronics Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
TA = 25°C
Figure 9. Delay Time, t(d), and Fall Time, t(f),
versus LED Trigger Current
IFT, LED TRIGGER CURRENT (mA)
100
0.1
10
20
30
40
50
60
10
1
t(f)
t(d)
t(delay), t(f) versus IFT
The triac driver’s turn on switching speed consists of a turn
on delay time t(d) and a fall time t(f). Figure 9 shows that the
delay time depends on the LED trigger current, while the ac-
tual trigger transition time t(f) stays constant with about one
micro second.
The delay time is important in very short pulsed operation
because it demands a higher trigger current at very short trig-
ger pulses. This dependency is shown in the graph IFT ver-
sus LED PW.
The turn on transition time t(f) combined with the power
triac’s turn on time is important to the power dissipation of
this device.
Switching Time Test Circuit
1. The mercury wetted relay provides a high speed repeated
pulse to the D.U.T.
2. 100x scope probes are used, to allow high speeds and
voltages.
3. The worst–case condition for static dv/dt is established by
triggering the D.U.T. with a normal LED input current, then
removing the current. The variable RTEST allows the dv/dt to
be gradually increased until the D.U.T. continues to trigger in
response to the applied voltage pulse, even after the LED
current has been removed. The dv/dt is then decreased until
the D.U.T. stops triggering.
τRC is measured at this point and
recorded.
Figure 10. Static dv/dt Test Circuit
+400
Vdc
PULSE
INPUT
RTEST
CTEST
R = 1 k
MERCURY
WETTED
RELAY
D.U.T.
X100
SCOPE
PROBE
APPLIED VOLTAGE
WAVEFORM
Vmax = 400 V
dv/dt =
0.63 Vmax
τRC
252
τRC
=
τRC
252 V
0 VOLTS
SCOPE
IFT
VTM
t(d)
t(f)
ZERO CROSS
DETECTOR
EXT. SYNC
Vout
FUNCTION
GENERATOR
PHASE CTRL.
PW CTRL.
PERIOD CTRL.
Vo AMPL. CTRL.
IFT
VTM
10 k
DUT
100
ISOL. TRANSF.
AC
115 VAC


Similar Part No. - MOC3052

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
MOC3052 LITEON-MOC3052 Datasheet
155Kb / 8P
   Property of Lite-On Only
MOC3052 LITEON-MOC3052 Datasheet
158Kb / 8P
   Property of Lite-On Only
logo
Guangdong Youtai Semico...
MOC3052 UMW-MOC3052 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
MOC3052 UMW-MOC3052 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
MOC3052 UMW-MOC3052 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
More results

Similar Description - MOC3052

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
MOC3010 MOTOROLA-MOC3010 Datasheet
310Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
ON Semiconductor
FOD420 ONSEMI-FOD420 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com