Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7048 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU7048
Description  High-Speed, Rail-to-Rail I/O, Quad CMOS Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7048 Datasheet(HTML) 5 Page - New Japan Radio

  NJU7048 Datasheet HTML 1Page - New Japan Radio NJU7048 Datasheet HTML 2Page - New Japan Radio NJU7048 Datasheet HTML 3Page - New Japan Radio NJU7048 Datasheet HTML 4Page - New Japan Radio NJU7048 Datasheet HTML 5Page - New Japan Radio NJU7048 Datasheet HTML 6Page - New Japan Radio NJU7048 Datasheet HTML 7Page - New Japan Radio NJU7048 Datasheet HTML 8Page - New Japan Radio NJU7048 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NJU7048
- 5 -
Ver 00
TYPICAL CHARACTERISTICS
Unity Gain Frequency Response (Load Capacitance)
GV=0dB, VDD=5V, Ta=25ºC
-10
-8
-6
-4
-2
0
2
4
6
8
10
1k
10k
100k
1M
10M
100M
Frequency [Hz]
CL=200pF
CL=20pF
CL=100pF
CL=300pF
Unity Gain Frequency Response (Load Capacitance)
GV=0dB, VDD=2.7V, Ta=25ºC
-10
-8
-6
-4
-2
0
2
4
6
8
10
1k
10k
100k
1M
10M
100M
Frequency [Hz]
CL=200pF
CL=20pF
CL=100pF
CL=300pF
Gain/Phase vs. Frequency (Temperature)
GV=40dB, VDD=5V, RF=100kΩ, RG=1kΩ, RL=10kΩ, CL=20pF
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
100M
Frequency [Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
Ta=+25°C
Ta=-40°C
Ta=+125°C
Gain/Phase vs. Frequency (Temperature)
GV=40dB, VDD=2.7V, RF=100kΩ, RG=1kΩ, RL=10kΩ, CL=20pF
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
100M
Frequency [Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
Ta=+25°C
Ta=-40°C
Ta=+125°C
Gain/Phase vs. Frequency (Load Capacitance)
GV=40dB, VDD=5V, RF=100kΩ, RG=1kΩ, RL=10kΩ, Ta=25ºC
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
100M
Frequency [Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
CL=300pF
CL=20pF
CL=100pF
Gain/Phase vs. Frequency (Load Capacitance)
GV=40dB, VDD=2.7V, RF=100kΩ, RG=1kΩ, RL=10kΩ, Ta=25ºC
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
100M
Frequency [Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
CL=300pF
CL=20pF
CL=100pF


Similar Part No. - NJU7048

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7040 NJRC-NJU7040 Datasheet
100Kb / 5P
   Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier
NJU7040F NJRC-NJU7040F Datasheet
100Kb / 5P
   Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier
NJU7042 NJRC-NJU7042 Datasheet
59Kb / 2P
   INPUT/OUTPUT FULL-SWING TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7042F NJRC-NJU7042F Datasheet
59Kb / 2P
   INPUT/OUTPUT FULL-SWING TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7043 NJRC-NJU7043 Datasheet
35Kb / 2P
   Input/Output Full-Swing High Output Current Dual C-MOS Operational Amplifier
More results

Similar Description - NJU7048

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7046 NJRC-NJU7046 Datasheet
393Kb / 12P
   High-Speed, Rail-to-Rail I/O, Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com