Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7002AK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX7002AK
Description  60 V, single N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX7002AK Datasheet(HTML) 5 Page - NXP Semiconductors

  NX7002AK Datasheet HTML 1Page - NXP Semiconductors NX7002AK Datasheet HTML 2Page - NXP Semiconductors NX7002AK Datasheet HTML 3Page - NXP Semiconductors NX7002AK Datasheet HTML 4Page - NXP Semiconductors NX7002AK Datasheet HTML 5Page - NXP Semiconductors NX7002AK Datasheet HTML 6Page - NXP Semiconductors NX7002AK Datasheet HTML 7Page - NXP Semiconductors NX7002AK Datasheet HTML 8Page - NXP Semiconductors NX7002AK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
NX7002AK
60 V, single N-channel Trench MOSFET
NX7002AK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
10 July 2012
5 / 15
017aaa467
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, standard footprint
Fig. 4. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
017aaa468
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for drain 1 cm2
Fig. 5. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
7. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = 25 °C
60
-
-
V
VGSth
gate-source threshold
voltage
ID = 250 µA; VDS = VGS; Tj = 25 °C
1.1
1.6
2.1
V
VDS = 60 V; VGS = 0 V; Tj = 25 °C
-
-
1
µA
IDSS
drain leakage current
VDS = 60 V; VGS = 0 V; Tj = 150 °C
-
-
10
µA


Similar Part No. - NX7002AK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX7002AK NEXPERIA-NX7002AK Datasheet
724Kb / 16P
   60 V, single N-channel Trench MOSFET
6 August 2015
NX7002AKS NEXPERIA-NX7002AKS Datasheet
1Mb / 15P
   60 V, dual N-channel Trench MOSFET
logo
NXP Semiconductors
NX7002AKS PHILIPS-NX7002AKS_15 Datasheet
866Kb / 15P
   60 V, dual N-channel Trench MOSFET
Rev. 1-1 March 2012
logo
Nexperia B.V. All right...
NX7002AKW NEXPERIA-NX7002AKW Datasheet
709Kb / 14P
   60 V, single N-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
NX7002AKW VBSEMI-NX7002AKW Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - NX7002AK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX7002AKW PHILIPS-NX7002AKW_15 Datasheet
207Kb / 14P
   60 V, single N-channel Trench MOSFET
11 July 2012
2N7002BKMB NXP-2N7002BKMB Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
NX7002BKW PHILIPS-NX7002BKW_15 Datasheet
271Kb / 15P
   60 V, single N-channel Trench MOSFET
20 March 2015
logo
Nexperia B.V. All right...
PMPB85ENEA NEXPERIA-PMPB85ENEA Datasheet
728Kb / 15P
   60 V, single N-channel Trench MOSFET
NX7002AK NEXPERIA-NX7002AK Datasheet
724Kb / 16P
   60 V, single N-channel Trench MOSFET
6 August 2015
logo
NXP Semiconductors
BSS138AKA PHILIPS-BSS138AKA_15 Datasheet
255Kb / 16P
   60 V, single N-channel Trench MOSFET
29 April 2015
logo
Nexperia B.V. All right...
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
logo
NXP Semiconductors
PMPB85ENEA PHILIPS-PMPB85ENEA_15 Datasheet
259Kb / 15P
   60 V, single N-channel Trench MOSFET
19 December 2013
logo
Nexperia B.V. All right...
BSS138AKA NEXPERIA-BSS138AKA Datasheet
718Kb / 16P
   60 V, single N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com