Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX07 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LCX07
Description  Low Voltage Hex Buffer with Open Drain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX07 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LCX07 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
Tape and Reel Specification
Tape Format for DQFN
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
BQX
Carrier
2500/3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape Size
ABC
DN
W1
W2
12 mm
13.0
0.059
0.512
0.795
7.008
0.488
0.724
(330)
(1.50)
(13.00)
(20.20)
(178)
(12.4)
(18.4)


Similar Part No. - 74LCX07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
   LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
225Kb / 15P
   Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
252Kb / 16P
   Low-voltage CMOS hex buffer (open drain)
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07BQX FAIRCHILD-74LCX07BQX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
More results

Similar Description - 74LCX07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX07MX FAIRCHILD-74LCX07MX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX06 FAIRCHILD-74LCX06 Datasheet
60Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
74LCX06 ONSEMI-74LCX06 Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
81Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_01 Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com