Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSC4527 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSC4527
Description  Wirewound Resistors, Precision Power, Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSC4527 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSC4527 Datasheet HTML 1Page - Vishay Siliconix WSC4527 Datasheet HTML 2Page - Vishay Siliconix WSC4527 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 30102
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 17-Feb-11
1
Wirewound Resistors,
Precision Power, Surface Mount
WSC, WSN
Vishay Dale
FEATURES
• All welded construction
• Molded encapsulation
• Wraparound terminations
• Excellent stability at different environmental
conditions
• High power ratings (up to 3 W)
• Superior surge capability
• Available in non-inductive styles with Ayrton-
Perry winding (WSN in lieu of WSC, maximum
resistance is one-half WSC range)
• AEC-Q200 qualified available (1)
• Compliant to RoHS Directive 2002/95/EC
Note
(1) Flame retardance test may not be applicable to
some resistor technologies.
Notes
Part marking: 1/2 W - DALE, value; 1 W - model, value, tolerance, date code; 2 W and 3 W - DALE, model, value, tolerance, date code.
(2) 0.1 % and 0.25 % is available on the WSC2515 for 0.499
 to 2.5 k range.
(3) As of 1/1/2010, the WSC0001 and WSC0002 are molded with thermoplastic in lieu of epoxy. Reference PCN-DR-002-2009 and PCN-DR-003-2009
Note
(4) WSC2515 only
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
SIZE
POWER RATING P70 °C
W
RESISTANCE RANGE
TOLERANCE
± %
WEIGHT (typical)
g/1000 pieces
ENCAPSULATION
WSC01/2
WSC-1/2
2012
0.5
0.1 to 4.99
0.5, 1, 5
90
Epoxy
WSC0001
WSC-1
2515
1
0.1 to 2.77K
0.5, 1, 5
165
Thermoplastic (3)
WSC2515
WSC2515
2515
1
0.1 to 2.5K
0.1, 0.25, 0.5, 1, 5 (2)
165
Thermoplastic
WSC0002
WSC-2
4527
2
0.1 to 4.92K
0.5, 1, 5
760
Thermoplastic (3)
WSC4527
WSC4527
4527
2
0.1 to 4.92K
0.5, 1, 5
760
Thermoplastic
WSC6927
WSC6927
6927
3
0.1 to 8K
0.5, 1, 5
1675
Thermoplastic
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSC01/2
WSC0001
WSC2515
WSC0002
WSC4527/WSC6927
Temperature
Coefficient
ppm/°C ± 50 = 1.0  to 4.99 
± 90 = 0.1
to 0.99 
± 20 = 26.51
andabove;
± 50 = 1.0
 to 26.5 ;
± 90 = 0.1
 to 0.99 
± 20 = 26.51
 and above;
± 50 = 1.0
 to 26.5 ;
± 90 = 0.31
 to 0.99 
± 150 = 0.1
 to 0.3 
±20 = 10.0
 andabove;
± 50 = 1.0
 to 9.9 ;
± 90 = 0.1
 to 0.99 
± 20 = 10
 and above;
± 50 = 1.0
 to 9.9 ;
± 90 = 0.31
 to 0.99 
± 150 = 0.1
 to 0.3 
Dielectric
Withstanding Voltage
VAC
> 500
Insulation Resistance
> 109
Operating
Temperature Range
°C
- 65 to + 175
- 65 to + 275
Maximum Working
Voltage
V
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: WSC2515R7000FEA
GLOBAL MODEL
SIZE
VALUE
TOLERANCE
PACKAGING
SPECIAL
WSC
WSN
01/2
0001
2515
0002
4527
6927
R = Decimal
K = Thousand
R7000 = 0.70
1K500 = 1.5 k
B = ± 0.1 % (4)
C = ± 0.25 % (4)
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10 %
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
TA = Tin/lead, tape/reel (R86)
BA = Tin/lead, bulk (B43)
(Dash number)
(Up to 2 digits)
From 1 to 99
as applicable
Historical Part Numbering example: WSC-1 0.7
 1 % R86
WSC-1
0.7
1 %
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
2515
R
7
000
F
E
A
SC
W


Similar Part No. - WSC4527

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSC4527 VISHAY-WSC4527 Datasheet
247Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 14-Feb-06
WSC452710R00BEA VISHAY-WSC452710R00BEA Datasheet
96Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 05-Nov-13
WSC452710R00BEK VISHAY-WSC452710R00BEK Datasheet
96Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 05-Nov-13
WSC452710R00BTA VISHAY-WSC452710R00BTA Datasheet
96Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 05-Nov-13
WSC452710R00CEA VISHAY-WSC452710R00CEA Datasheet
96Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 05-Nov-13
More results

Similar Description - WSC4527

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSC01 VISHAY-WSC01 Datasheet
247Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 14-Feb-06
WSC251550R00FEA VISHAY-WSC251550R00FEA Datasheet
101Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 17-Feb-11
WSC2515R3300FEA VISHAY-WSC2515R3300FEA Datasheet
101Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 17-Feb-11
WSC692754R90FTA VISHAY-WSC692754R90FTA Datasheet
101Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 17-Feb-11
WSC2515R7000FEA VISHAY-WSC2515R7000FEA Datasheet
101Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 17-Feb-11
WSC0001R1000FTB VISHAY-WSC0001R1000FTB Datasheet
101Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 17-Feb-11
WSN VISHAY-WSN Datasheet
110Kb / 4P
   Wirewound Resistors, Precision Power, Surface Mount
01-Jan-2022
WSC251510R00FEA VISHAY-WSC251510R00FEA Datasheet
96Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 05-Nov-13
WSC VISHAY-WSC_15 Datasheet
80Kb / 3P
   Wirewound Resistors, Precision Power, Surface Mount
Revision: 10-Dec-15
logo
Bourns Electronic Solut...
PWR4525W7R50JE BOURNS-PWR4525W7R50JE Datasheet
212Kb / 2P
   Surface Mount Wirewound Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com