Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF4P33K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # WMF4P33K-F
Description  Film/Foil, Axial Leads - Commercial, Industrial Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WMF4P33K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  WMF4P33K-F Datasheet HTML 1Page - Cornell Dubilier Electronics WMF4P33K-F Datasheet HTML 2Page - Cornell Dubilier Electronics WMF4P33K-F Datasheet HTML 3Page - Cornell Dubilier Electronics WMF4P33K-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type WMF Polyester Film Capacitors
Film/Foil, Axial Leads - Commercial, Industrial Applications
Specifications
Type WMF axial-leaded, polyester film/foil capacitors, available in
a wide range of capacitance and voltage ratings, offer excellent
moisture resistance capability with extended foil, non-inductive
wound sections, epoxy sealed ends and a sealed outer wrapper. Like
the Type DMT, Type WMF is an ideal choice for most applications,
especially those with high peak currents.
(38.1mm)
(38.1mm)
L MAX.
MAX.
D
Capacitance Range
.001 to 5 µF
Capacitance Tolerance @ 1 kHz/25 ºC
±10% (K) Standard Tolerance, ±5% (J)/±20% (M) (Optional)
Rated Voltage
50 to 630 Vdc
Operating Temperature Range with Ripple
–55 ºC to 125 ºC*
*Full rated voltage at 85 ºC - derated linearly to 50% rated at 105 ºC
Insulation Resistance
30,000 MΩ x µF, 100,000 MΩ Min.
Dissipation Factor
.75% Max. (25 °C, 1 kHz)
Dielectric Strength
250%
Life Test
500 Hours at 85 °C at 125% Rated Voltage
RoHS Compliant
Dimensions
Construction Details
Case Material
UL510 Polyester Tape Wrap
Resin Material
UL94V-0 Epoxy Fill
Terminal Material
Tin Plated Copper - Clad Steel
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Highlights
- Very high dV/dt
- Very high peak current
- Low inductance
Min.
Min.


Similar Part No. - WMF4P33K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF4P33K-F ETC2-WMF4P33K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Cornell Dubilier Electr...
WMF4P33K-F CDE-WMF4P33K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
WMF4P33K-F CDE-WMF4P33K-F Datasheet
270Kb / 4P
   Polyester Film Capacitors
More results

Similar Description - WMF4P33K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX330 ETC1-SX330 Datasheet
159Kb / 3P
   Polystyrene-Foil/Axial Leads
logo
Cornell Dubilier Electr...
SXK310 CDE-SXK310 Datasheet
423Kb / 2P
   Polystyrene-Foil / Axial Leads
logo
List of Unclassifed Man...
223J25PP460R ETC1-223J25PP460R Datasheet
123Kb / 1P
   POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
logo
Kemet Corporation
A72EF1470AA00J KEMET-A72EF1470AA00J Datasheet
668Kb / 14P
   A72, Polypropylene Film/Foil, Axial
9/28/2021
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
RFE international
T102J2EAT1 RFE-T102J2EAT1 Datasheet
86Kb / 1P
   POLYESTER FILM CAPACITORS T Series: Axial Tubular, Film Foil
logo
Illinois Capacitor, Inc...
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Vishay Siliconix
192P222X9080 VISHAY-192P222X9080 Datasheet
96Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
192P VISHAY-192P Datasheet
97Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
IG70 VISHAY-IG70_V01 Datasheet
70Kb / 3P
   Current Chokes, Axial Leads, Noise Suppression Applications
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com