Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3081 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MOC3081
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3081 Datasheet(HTML) 1 Page - Motorola, Inc

  MOC3081 Datasheet HTML 1Page - Motorola, Inc MOC3081 Datasheet HTML 2Page - Motorola, Inc MOC3081 Datasheet HTML 3Page - Motorola, Inc MOC3081 Datasheet HTML 4Page - Motorola, Inc MOC3081 Datasheet HTML 5Page - Motorola, Inc MOC3081 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Zero-Cross
Optoisolators Triac Driver Output
(800 Volts Peak)
The MOC3081, MOC3082 and MOC3083 devices consist of gallium arsenide
infrared emitting diodes optically coupled to monolithic silicon detectors
performing the function of Zero Voltage Crossing bilateral triac drivers.
They are designed for use with a triac in the interface of logic systems to
equipment powered from 240 Vac lines, such as solid–state relays, industrial
controls, motors, solenoids and consumer appliances, etc.
• Simplifies Logic Control of 240 Vac Power
• Zero Voltage Crossing
• dv/dt of 1500 V/µs Typical, 600 V/µs Guaranteed
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix ”V” must be included at end of part number. VDE 0884 is a test option.
Recommended for 240 Vac(rms) Applications:
• Solenoid/Valve Controls
Temperature Controls
• Lighting Controls
E.M. Contactors
• Static Power Switches
AC Motor Starters
• AC Motor Drives
Solid State Relays
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
6
Volts
Forward Current — Continuous
IF
60
mA
Total Power Dissipation @ TA = 25°C
Negligible Power in Output Driver
Derate above 25
°C
PD
120
1.41
mW
mW/
°C
OUTPUT DRIVER
Off–State Output Terminal Voltage
VDRM
800
Volts
Peak Repetitive Surge Current
(PW = 100
µs, 120 pps)
ITSM
1
A
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage(1)
(Peak ac Voltage, 60 Hz, 1 Second Duration)
VISO
7500
Vac(pk)
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Junction Temperature Range
TJ
– 40 to +100
°C
Ambient Operating Temperature Range(2)
TA
– 40 to +85
°C
Storage Temperature Range(2)
Tstg
– 40 to +150
°C
Soldering Temperature (10 s)
TL
260
°C
1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by MOC3081/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
© Motorola, Inc. 1995
MOC3081
MOC3082
MOC3083
*Motorola Preferred Device
COUPLER SCHEMATIC
[IFT = 15 mA Max]
STANDARD THRU HOLE
CASE 730A–04
*
[IFT = 10 mA Max]
[IFT = 5 mA Max]
1. ANODE
2. CATHODE
3. NC
4. MAIN TERMINAL
5. SUBSTRATE
DO NOT CONNECT
6. MAIN TERMINAL
1
2
3
6
5
4
ZERO
CROSSING
CIRCUIT
6
1
STYLE 6 PLASTIC
REV 1


Similar Part No. - MOC3081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3081 ETC-MOC3081 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
Guangdong Youtai Semico...
MOC3081 UMW-MOC3081 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3081 UMW-MOC3081 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3081

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com