Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX125MX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LCX125MX
Description  Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX125MX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCX125MX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012416
www.fairchildsemi.com
March 1995
Revised February 2005
74LCX125
Low Voltage Quad Buffer
with 5V Tolerant Inputs and Outputs
General Description
The LCX125 contains four independent non-inverting buff-
ers with 3-STATE outputs. The inputs tolerate voltages up
to 7V allowing the interface of 5V systems to 3V systems.
The 74LCX125 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V–3.6V VCC specifications provided
s 6.0 ns tPD max (VCC 3.3V), 10 PA ICC max
s Power down high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s
r24 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds JEDEC 78 conditions
s ESD performance:
Human body model
! 2000V
Machine model
! 100V
s Leadless Pb-Free DQFN package
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value of the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 2: DQFN package available in Tape and Reel only.
Note 3: “_NL” indicates Pb-Free package (per JEDED J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74LCX125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX125MX_NL
(Note 3)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX125SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX125BQX
(Note 2)
MLP014A
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74LCX125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LCX125MTCX_NL
(Note 3)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74LCX125MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX125M ONSEMI-74LCX125M Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
74LCX125MTC ONSEMI-74LCX125MTC Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX125MTC FAIRCHILD-74LCX125MTC_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX125MTR STMICROELECTRONICS-74LCX125MTR Datasheet
216Kb / 12P
   LOW VOLTAGE CMOS QUAD BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX125MTR STMICROELECTRONICS-74LCX125MTR Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
More results

Similar Description - 74LCX125MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126 Datasheet
94Kb / 8P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX126 ONSEMI-74LCX126 Datasheet
665Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.5.1
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126_08 Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX125 FAIRCHILD-74LCX125_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126 FAIRCHILD-74LCX126_05 Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX125 ONSEMI-74LCX125 Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com