Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16245MEA Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LCX16245MEA
Description  Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16245MEA Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX16245MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
ICC
Quiescent Supply Current
VI VCC or GND
2.3–3.6
20
PA
3.6V
d VI, VO d 5.5V (Note 7)
2.3–3.6
r20
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.3–3.6
500
PA
Symbol
Parameter
TA 40qC to 85qC, RL 500:
Units
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
CL 50 pF
CL 50 pF
CL 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
4.5
1.5
5.2
1.5
5.4
ns
tPLH
An to Bn or Bn to An
1.54.5
1.55.2
1.55.4
tPZL
Output Enable Time
1.5
6.5
1.5
7.2
1.5
8.5
ns
tPZH
1.56.5
1.57.2
1.58.5
tPLZ
Output Disable Time
1.5
6.4
1.5
6.9
1.5
7.7
ns
tPHZ
1.56.4
1.56.9
1.57.7
tOSHL
Output to Output Skew
1.0
ns
tOSLH
(Note 8)
1.0
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC 3.3V, VI 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC 3.3V, VI 0V or VCC, f 10 MHz
20
pF


Similar Part No. - 74LCX16245MEA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX16245MEA ONSEMI-74LCX16245MEA Datasheet
229Kb / 11P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised May 2005
More results

Similar Description - 74LCX16245MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com