Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3170EIUZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL3170EIUZ
Description  짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3170EIUZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL3170EIUZ Datasheet HTML 5Page - Intersil Corporation ISL3170EIUZ Datasheet HTML 6Page - Intersil Corporation ISL3170EIUZ Datasheet HTML 7Page - Intersil Corporation ISL3170EIUZ Datasheet HTML 8Page - Intersil Corporation ISL3170EIUZ Datasheet HTML 9Page - Intersil Corporation ISL3170EIUZ Datasheet HTML 10Page - Intersil Corporation ISL3170EIUZ Datasheet HTML 11Page - Intersil Corporation ISL3170EIUZ Datasheet HTML 12Page - Intersil Corporation ISL3170EIUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN6307.5
June 8, 2012
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES (EXCEPT ISL3171E, ISL3174E, ISL3177E)
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. DRIVER DATA RATE
Test Circuits and Waveforms (Continued)
D
DE
DI
VCC
SIGNAL
GENERATOR
CD
RDIFF
Z
Y
OUT (Z)
3V
0V
1.5V
1.5V
VOH
VOL
OUT (Y)
tPLH
tPHL
DIFF OUT (Y to Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
SKEW = |tPLH - tPHL|
D
DE
DI
Z
Y
VCC
GND
SW
PARAMETER
OUTPUT
RE
DI
SW
tHZ
Y/Z
X
1/0
GND
tLZ
Y/Z
X
0/1
VCC
tZH
Y/Z
0 (Note 8)
1/0
GND
tZL
Y/Z
0 (Note 8)
0/1
VCC
tZH(SHDN)
Y/Z
1 (Note 11)
1/0
GND
tZL(SHDN)
Y/Z
1 (Note 11)
0/1
VCC
SIGNAL
GENERATOR
500
Ω
50pF
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
VOH - 0.25V
tHZ
OUT (Y, Z)
VCC
VOL
VOL + 0.25V
tLZ
DE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
NOTE 10
50%
50%
NOTE 10
NOTE 10
D
DE
DI
VCC
SIGNAL
GENERATOR
Z
Y
CD
VOD
+
-
54
Ω
3V
0V
DIFF OUT (Y to Z)
+VOD
-VOD
DI
0V
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,ISL3176E, ISL3177E, ISL3178E


Similar Part No. - ISL3170EIUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3170EIUZ INTERSIL-ISL3170EIUZ Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170EIUZ INTERSIL-ISL3170EIUZ Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170EIUZ INTERSIL-ISL3170EIUZ Datasheet
767Kb / 19P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
logo
Renesas Technology Corp
ISL3170EIUZ RENESAS-ISL3170EIUZ Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3170EIUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E_07 Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com