Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3173EIBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL3173EIBZ
Description  짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3173EIBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL3173EIBZ Datasheet HTML 4Page - Intersil Corporation ISL3173EIBZ Datasheet HTML 5Page - Intersil Corporation ISL3173EIBZ Datasheet HTML 6Page - Intersil Corporation ISL3173EIBZ Datasheet HTML 7Page - Intersil Corporation ISL3173EIBZ Datasheet HTML 8Page - Intersil Corporation ISL3173EIBZ Datasheet HTML 9Page - Intersil Corporation ISL3173EIBZ Datasheet HTML 10Page - Intersil Corporation ISL3173EIBZ Datasheet HTML 11Page - Intersil Corporation ISL3173EIBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN6307.5
June 8, 2012
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF,
SW = GND (Figure 6),
(Note 13)
ISL3170E-75E
Full
5
12
20
ns
ISL3176E-78E
Full
4
7
15
ns
Receiver Disable from Output Low
tLZ
RL = 1kΩ, CL = 15pF,
SW = VCC (Figure 6),
(Note 13)
ISL3170E-75E
Full
5
13
20
ns
ISL3176E-78E
Full
4
7
15
ns
Time to Shutdown
tSHDN
(Notes 10, 13)
Full
50
180
600
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 6),
(Notes 10, 12, 13)
Full
-
240
500
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6),
(Notes 10, 12, 13)
Full
-
240
500
ns
NOTES:
5. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
6. Supply current specification is valid for loaded drivers when DE = 0V.
7. Applies to peak current. See “Typical Performance Curves” starting on page 12 for more information.
8. When testing devices with the shutdown feature, keep RE = 0 to prevent the device from entering SHDN.
9. When testing devices with the shutdown feature, the RE signal high time must be short enough (typically <100ns) to prevent the device from
entering SHDN.
10. Versions with a shutdown feature are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns, the
parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown.
See “Low Power Shutdown Mode” on page 12.
11. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
12. Set the RE signal high time >600ns to ensure that the device enters SHDN.
13. Does not apply to the ISL3171E, ISL3174E and ISL3177E.
14.
ΔtSKEW is the magnitude of the difference in propagation delays of the specified terminals of two units tested with identical test conditions (VCC,
temperature, etc.). Only applies to the ISL3176E through ISL3178E.
15. ISL3170E through ISL3175E only.
16. VCC ≥ 3.15V
17. Limits established by characterization and are not production tested.
18. If the Tx or Rx enable function isn’t needed, connect the enable pin to the appropriate supply (see “Pin Descriptions” on page 3) through a 1k
Ω
to 3k
Ω resistor.
19. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
20. If the DE or RE input voltage exceeds the VCC voltage by more than 500mV, then current will flow into the logic pin. The current is limited by a
340Ω resistor (so ≈13mA with VIN = 5V and VCC = 0V) so no damage will occur if VCC ≤ VIN ≤ 7V for short periods of time.
Test Circuits and Waveforms
FIGURE 1A. VOD AND VOC
FIGURE 1B. VOD WITH COMMON MODE LOAD
FIGURE 1. DC DRIVER TEST CIRCUITS
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V; Unless Otherwise Specified. Typicals are at VCC = 3.3V, TA = +25°C,
(Note 5)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 19)
TYP
MAX
(Note 19) UNITS
D
DE
DI
VCC
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VCC
VOD
375
Ω
375
Ω
Z
Y
RL = 60Ω
VCM
-7V to +12V
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,ISL3176E, ISL3177E, ISL3178E


Similar Part No. - ISL3173EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3173EIBZ INTERSIL-ISL3173EIBZ Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3173EIBZ INTERSIL-ISL3173EIBZ Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3173EIBZ INTERSIL-ISL3173EIBZ Datasheet
767Kb / 19P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
logo
Renesas Technology Corp
ISL3173EIBZ RENESAS-ISL3173EIBZ Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3173EIBZ-T INTERSIL-ISL3173EIBZ-T Datasheet
770Kb / 19P
   15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3173EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E_07 Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com