Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3082 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MOC3082
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3082 Datasheet(HTML) 3 Page - Motorola, Inc

  MOC3082 Datasheet HTML 1Page - Motorola, Inc MOC3082 Datasheet HTML 2Page - Motorola, Inc MOC3082 Datasheet HTML 3Page - Motorola, Inc MOC3082 Datasheet HTML 4Page - Motorola, Inc MOC3082 Datasheet HTML 5Page - Motorola, Inc MOC3082 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOC3081 MOC3082 MOC3083
3
Motorola Optoelectronics Device Data
5
1
PWin, LED TRIGGER PULSE WIDTH (µs)
10
15
20
25
2
5
20
10
50
0
NORMALIZED TO:
PWin q 100 µs
TA, AMBIENT TEMPERATURE (°C)
–40
+400
Vdc
PULSE
INPUT
MERCURY
WETTED
RELAY
RTEST
CTEST
10 k
X100
SCOPE
PROBE
D.U.T.
APPLIED VOLTAGE
WAVEFORM
252 V
0 VOLTS
tRC
Vmax = 400 V
dv dt
+
0.63 Vmax
tRC
+ 504
tRC
1. The mercury wetted relay provides a high speed repeated pulse
to the D.U.T.
2. 100x scope probes are used, to allow high speeds and voltages.
3. The worst–case condition for static dv/dt is established by
triggering the D.U.T. with a normal LED input current, then
removing the current. The variable RTEST allows the dv/dt to be
gradually increased until the D.U.T. continues to trigger in
response to the applied voltage pulse, even after the LED
current has been removed. The dv/dt is then decreased until the
D.U.T. stops triggering.
tRC is measured at this point and
recorded.
5
–40
TA, AMBIENT TEMPERATURE (°C)
–20
0
20
40
60
80
100
10
20
50
100
200
500
0.6
TA, AMBIENT TEMPERATURE (°C)
IF = RATED IFT
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
–20
0
20
40
60
80
100
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
NORMALIZED TO
TA = 25°C
–20
0
20
40
60
80
100
VDRM = 800 V
Figure 3. Leakage with LED Off
versus Temperature
Figure 4. IDRM2, Leakage in Inhibit State
versus Temperature
Figure 5. Trigger Current versus Temperature
Figure 6. LED Current Required to Trigger
versus LED Pulse Width
Figure 7. Static dv/dt Test Circuit
100
–40


Similar Part No. - MOC3082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3082 ETC-MOC3082 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Fairchild Semiconductor
MOC3082 FAIRCHILD-MOC3082 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Guangdong Youtai Semico...
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3082

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com