Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC5007 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MOC5007
Description  6-Pin DIP Optoisolators Logic Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC5007 Datasheet(HTML) 1 Page - Motorola, Inc

  MOC5007 Datasheet HTML 1Page - Motorola, Inc MOC5007 Datasheet HTML 2Page - Motorola, Inc MOC5007 Datasheet HTML 3Page - Motorola, Inc MOC5007 Datasheet HTML 4Page - Motorola, Inc MOC5007 Datasheet HTML 5Page - Motorola, Inc MOC5007 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolators
Logic Output
The MOC5007, MOC5008 and MOC5009 have a gallium arsenide IRED
optically coupled to a high–speed integrated detector with Schmitt trigger
output. Ideal for applications requiring electrical isolation, fast response time,
noise immunity and digital logic compatibility.
• Guaranteed Switching Times — ton, toff 4 < µs
• Built–In ON/OFF Threshold Hysteresis
• High Data Rate, 1 MHz Typical (NRZ)
• Wide Supply Voltage Capability
• Microprocessor Compatible Drive
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix ”V” must be included at end of part number. VDE 0884 is a test option.
Applications
• Interfacing Computer Terminals to Peripheral Equipment
• Digital Control of Power Supplies
• Line Receiver — Eliminates Noise
• Digital Control of Motors and Other Servo Machine Applications
• Logic to Logic Isolator
• Logic Level Shifter — Couples TTL to CMOS
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
6
Volts
Forward Current — Continuous
Forward Current — Peak
Pulse Width = 300
µs, 2% Duty Cycle
IF
60
1.2
mA
Amp
LED Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
120
1.41
mW
mW/
°C
OUTPUT DETECTOR
Output Voltage Range
Vo
0 –16
Volts
Supply Voltage Range
VCC
3 –16
Volts
Output Current
IO
50
mA
Detector Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Maximum Operating Temperature(2)
TA
– 40 to + 85
°C
Storage Temperature Range(2)
Tstg
– 55 to +150
°C
Soldering Temperature (10 s)
TL
260
°C
Isolation Surge Voltage(1)
(Peak ac Voltage, 60 Hz, 1 Second Duration)
VISO
7500
Vac(pk)
1. Isolation surge voltage is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by MOC5007/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
© Motorola, Inc. 1995
MOC5007
MOC5008
MOC5009
*Motorola Preferred Device
*
SCHEMATIC
[IF(on) = 1.6 mA Max]
STANDARD THRU HOLE
CASE 730A–04
STYLE 5 PLASTIC
[IF(on) = 4 mA Max]
[IF(on) = 10 mA Max]
PIN 1. ANODE
2. CATHODE
3. NC
4. OPEN COLLECTOR
OUTPUT
5. GROUND
6. VCC
1
2
3
6
5
4
6
1
REV 1


Similar Part No. - MOC5007

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
MOC5007 ISOCOM-MOC5007 Datasheet
403Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
More results

Similar Description - MOC5007

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com