Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GENE-8315-A10-01 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-GENE-8315-A10-01
Description  Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1.0 GHz or Intel짰 Celeron짰 M 1.3 GHz (Optional)/ 1.5 GHz Processors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GENE-8315-A10-01 Datasheet(HTML) 1 Page - AAEON Technology

  TF-GENE-8315-A10-01 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
04-6
Features
Specifications
USB
Parallel
Port
44-pin
IDE
Power Input
LVDS Inverter
LVDS LCD
PS/2 Keyboard & Mouse Mini-DIN
RJ-45 Ethernet
USB
Audio
ATX 5Vsb
System Fan
CRT D-sub
GENE-8315

Onboard Intel® ULV Celeron® M 600 MHz/ 1.0 GHz or Intel®
Celeron® M 1.3 GHz (Optional)/ 1.5 GHz Processors

Intel® 852GM + ICH4

SODIMM DDR266, Max. 1 GB

10/100Base-TX Ethernet x 3

CRT, Up To 24-bit Dual-Channel LVDS LCD

AC97 2.0 Codec 2CH Audio

EIDE x 1, Type II CompactFlash™ x 1

COM x 2, USB2.0 x 4, Parallel x 1, 8-bit Digital I/O

+5V Only Operation

3.5” SubCompact Board With Intel® ULV Celeron® M Processors
TF-GENE-8315-A10(Fanless)
3.5” Board, UV Celeron® M 600 MHz, LCD, DDR, 3 LAN, 2 COM, USB2.0, CompactFlash™, AT/ATX,
Rev. A1.0
TF-GENE-8315-A10-01(Fanless)
3.5” Board, UV Celeron® M 1.0 GHz, LCD, DDR, 3 LAN, 2 COM, USB2.0, CompactFlash™, AT/ATX,
Rev. A1.0
TF-GENE-8315-A10-02(WithFan)
3.5” Board, Celeron® M 1.5 GHz, LCD, DDR, 3 LAN, 2 COM, USB2.0, CompactFlash™, AT/ATX, Rev.
A1.0
Ordering Information
Optional Accessories
1701440500
IDE Cable
1700060192
KB/Mouse Cable
1709100201
USB Cable
9657666600
Jumper Cap
CoolerorHeatsink
QuickInstallationGuide
UtilityCD
GENE-8315
Packing list
System
Form Factor
3.5”
Processor
Onboard Intel® Celeron® M Processors 1.5 GHz/1.3 GHz (optional) or Intel®
ULV Celeron® M Processors 1.0 GHz 0K L2 cache/ 600 MHz 512 K L2 cache
with FSB: 400 MHz
System Memory
200 pin DDR SODIMM x 1, Max. 1 GB (DDR266)
Chipset
Intel® 852GM + ICH4
I/O Chipset
ITE IT8712
Ethernet
Intel® 82562 x 1 & Realtek RTL8100BL x 2 for 10/100Base-TX, RJ-45 x 3
BIOS
Award Plug & Play LPC BIOS - 1 MB ROM
Wake On LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring Supports power supply voltages, fan speed and temperature monitoring
Battery
Lithium battery
Power Requirement
+5V, ATX/AT
Power Consumption
(Typical)
Celeron® M 1.5 GHz, DDR 1 GB
5.21A@5V
Board Size
5.75" (L) x 4" (W) (146mm x 101.6mm)
Gross Weight
0.8 lb (0.4 Kg)
Operating Temperature 32°F~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F~176°F (-40°C~80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
70,000
Display
Supports CRT/LCD simultaneous/ dual view display
Chipset
Intel® 852GM integrated
Memory
Shared system memory up to 64 MB/ DVMT
Resolutions
Up to 1600 x 1200 for CRT
Up to 1280 x 1024 for LCD
LCD Interface
up to 24-bit dual-channel LVDS (Emulated 24-bit Dual-channel LCD)
I/O
Storage
EIDEx 1 (UDMA-33 for two devices), CompactFlash™ x 1
Serial Port
RS-232 x 1, RS-232/422/485 (auto flow) x 1
Parallel Port
SPP/ EPP/ ECP mode
USB
USB2.0 x 4
PS/2 Port
Keyboard x 1, Mouse x 1
Digital I/O
Supports 8-bit (Programmable)
Audio
Mic-in, Line-in, Line-out, CD-in
1702200205
Power Cable, 20P ATX(M), 4P 5.08mm Housing(F), +6P 2.0mm Housing, Length 20cm
1709100208
USB Cable, Length 20cm
1701100206
COM Port Cable, 9P DB-Sub Male, Length 20cm
1701260200
Parallel Port Cable, Length 20cm
1709140181
Audio Cable, Length 18cm
DIO
COM Ports
Front Panel
For Wide Temperature series of this model, please refer to Chapter 1 -
Wide Temperature Boards, to get detailed specification of GENE-8315W1.


Similar Part No. - TF-GENE-8315-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GENE-8315W1-A10 AAEON-TF-GENE-8315W1-A10 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
TF-GENE-8315W1-A10-01 AAEON-TF-GENE-8315W1-A10-01 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
More results

Similar Description - TF-GENE-8315-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-8310 AAEON-GENE-8310 Datasheet
263Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 1.5 GHz/ 1.3 GHz Or Intel짰 Celeron짰 M 600 MHz & 1 GHz Processors
PFM-800P AAEON-PFM-800P Datasheet
210Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1 GHz
PCM-8150 AAEON-PCM-8150 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
PCM-8152 AAEON-PCM-8152 Datasheet
199Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz And 1 GHz
GENE-8310W1 AAEON-GENE-8310W1 Datasheet
229Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M Processor at 600 MHz 512K Cache & 1 GHz 0 Cache
GENE-9155 AAEON-GENE-9155 Datasheet
232Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors Up To 2.0 GHz
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
ETX-625 AAEON-ETX-625 Datasheet
672Kb / 1P
   Onboard Intel짰 LP Pentium짰 III/ ULV Celeron짰 Processors
AEC-6850 AAEON-AEC-6850 Datasheet
296Kb / 2P
   Fanless Design With Intel짰 Celeron짰 M 1.0 GHz Processor
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com