Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTX-915 Datasheet(PDF) 1 Page - AAEON Technology

Part # XTX-915
Description  Intel Pentium M/ Celeron짰 M Processors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

XTX-915 Datasheet(HTML) 1 Page - AAEON Technology

  XTX-915 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
08-4
M2.5Screwx4
UtilityCD
XTX-915
Packing List
TF-XTX-915-A10
XTX Board, Socket-478M (Dothan CPU), DDRII, LAN, Audio, 2COM, USB2.0, Rev.A1.0
TF-XTX-915-A10-01
XTX Board, Intel® Celeron® M 600 MHz with 512 KB L2 cache, DDRII, LAN, Audio, 2COM, USB2.0,
Rev.A1.0
Ordering Information

Intel® Pentium® M/ Celeron® M Processors
System
Form Factor
XTX
Processor
Intel® (Socket-478M-based) Pentium® M/ Celeron® M processors,
FSB: 400 MHz
System Memory
200-pin DDRII SODIMM x 1, Max. 2 GB (DDRII 400/533)
Chipset
Intel® 915GME + ICH6M
I/O Chipset
ITE IT8712KX
Ethernet
Intel® 82562ET, 10/100Base-TX
BIOS
Award, PLCC type, 1MB ROM
Wake On LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages, fan speed and temperature
monitoring
Expansion Interface
PCI-Express [x1] x 4
32-bit PCI x 4
LPC bus x 1
SMBus x 1
I2C x 1
Power Requirement
+5V DC
Power Consumption
(Typical)
Pentium®-M 760 2.0GHz, DDRII 533 1 GB
0.38A@+12V, 6.83A@+5V
W/ TF-ECB-910M-A10
Board Size
4.5” (L) x 3.74” (W) (114 mm x 95 mm)
Gross Weight
0.66 lb (0.3 Kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF
90,000
Display
Supports CRT/LCD, CRT/TV, LCD/TV Simultaneous/ Dual view displays
Chipset
Intel® 915GME Integrated
Memory
Shared system memory up to 128 MB/ DVMT 3.0
Resolutions
Up to 2048 x 1536 (QXGA) for CRT
Up to 1600 x 1200 (UXGA), 1920 x 1200 (WUXGA) for LCD
LCD Interface
18-bit dual-channel LVDS
SDVO Port
SDVO x 1 for TF-XTX-915-A10
I/O
Storage
PATA x 1 (two devices), SATA II x 2
Serial Port
2
Parallel Port
1
USB
USB 2.0 x 6
PS/2 Port
Keyboard x 1, Mouse x 1
IrDA
One IrDA Tx/Rx header
Audio
Mic-in, Line-in, Line-out
TF-ECB-910M-A10
XTX Carrier Board, LAN, Audio, 4 COM, USB, PCI-E, CompactFlash™, 2 SATA, AT/ ATX, Rev.A1.0 (For
XTX-915)
TF-PER-A044
CPU Cooler, for Socket-type CPU, W/ 12V fan
TF-PER-A045
CPU Cooler, for Onboard CPU, W/ 12V fan
TF-PER-A046
Passive Heatsink, for Socket-type CPU
TF-PER-A047
Passive Heatsink, for Onboard CPU
TF-PER-A048
Heat Spreader Kit, for Socket-type CPU
TF-PER-A049
Heat Spreader Kit, for Onboard CPU
TF-PER-V03B-A10-02
SDVO to DVI Module
TF-PER-V04B-A10-02
SDVO to LVDS Module
Optional Accessories

Intel® Pentium® M/ Celeron® M Processors

Intel® 915GME + ICH6M

SODIMM DDRII 400/533 Memory, Max. 2 GB

10/100Base-TX Ethernet

CRT, 18-bit Dual-channel LVDS LCD, SDVO Connector

AC97 2.3 Codec 2CH Audio

PATA x 1, SATA II x 2

USB2.0 x 6

PCI-Express [x1] x 4

+5V Only Operation
XTX-915
Intel® ICH6M
DDRII SODIMM
µFC-PGA
Intel® 915GME


Similar Part No. - XTX-915

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
XTX-945GSE AAEON-XTX-945GSE Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
More results

Similar Description - XTX-915

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
MPC-8890 AAEON-MPC-8890 Datasheet
677Kb / 1P
   Intel Pentium M or Celeron M Processors
PCM-8300 AAEON-PCM-8300 Datasheet
711Kb / 1P
   Intel Pentium M or Celeron M Processors
COM-915A AAEON-COM-915A Datasheet
374Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-821 AAEON-ETX-821 Datasheet
209Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-855 AAEON-ETX-855 Datasheet
214Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915 AAEON-COM-915 Datasheet
300Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
EPIC-8526 AAEON-EPIC-8526 Datasheet
225Kb / 1P
   Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD Datasheet
215Kb / 2P
   Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
logo
AAEON Technology
EMB-852T AAEON-EMB-852T Datasheet
225Kb / 1P
   Socket-478M Intel짰 Pentium짰 M/ Celeron짰 M Processors
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD_15 Datasheet
480Kb / 2P
   Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com