Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA20 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MSA20
Description  Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSA20 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button MSA20 Datasheet HTML 3Page - Fairchild Semiconductor MSA20 Datasheet HTML 4Page - Fairchild Semiconductor MSA20 Datasheet HTML 5Page - Fairchild Semiconductor MSA20 Datasheet HTML 6Page - Fairchild Semiconductor MSA20 Datasheet HTML 7Page - Fairchild Semiconductor MSA20 Datasheet HTML 8Page - Fairchild Semiconductor MSA20 Datasheet HTML 9Page - Fairchild Semiconductor MSA20 Datasheet HTML 10Page - Fairchild Semiconductor MSA20 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
Package Number M20B


Similar Part No. - MSA20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSA20 FAIRCHILD-MSA20 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
MSA20 FAIRCHILD-MSA20 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Similar Description - MSA20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74VCX162839 FAIRCHILD-74VCX162839_00 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com