Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX32652GX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74LCX32652GX
Description  Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX32652GX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX32652GX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX32652GX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX32652GX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX32652GX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX32652GX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX32652GX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX32652GX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX32652GX Datasheet HTML 10Page - Fairchild Semiconductor 74LCX32652GX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Preliminary
www.fairchildsemi.com
8
DC Electrical Characteristics (Continued)
Note 8: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
20
µA
3.6V
≤ V
I, VO ≤ 5.5V (Note 8)
2.3
− 3.6
±20
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
170
MHz
tPHL
Propagation Delay
1.5
5.7
1.5
6.2
1.5
6.8
ns
tPLH
Bus to Bus
1.5
5.7
1.5
6.2
1.5
6.8
tPHL
Propagation Delay
1.5
6.2
1.5
7.0
1.5
7.4
ns
tPLH
Clock to Bus
1.5
6.2
1.5
7.0
1.5
7.4
tPHL
Propagation Delay
1.5
6.5
1.5
7.0
1.5
7.8
ns
tPLH
Select to Bus
1.5
6.5
1.5
7.0
1.5
7.8
tPZL
Output Enable Time
1.5
7.0
1.5
8.0
1.5
9.1
ns
tPZH
1.5
7.0
1.5
8.0
1.5
9.1
tPLZ
Output Disable Time
1.5
6.5
1.5
7.0
1.5
7.8
ns
tPHZ
1.5
6.5
1.5
7.0
1.5
7.8
tS
Setup Time
2.5
2.5
3.0
ns
tH
Hold Time
1.5
1.5
2.0
ns
tW
Pulse Width
3.0
3.0
3.5
ns
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL =0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL =0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


Similar Part No. - 74LCX32652GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX32646 FAIRCHILD-74LCX32646 Datasheet
507Kb / 11P
   Low Voltage 32-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX32646GX FAIRCHILD-74LCX32646GX Datasheet
507Kb / 11P
   Low Voltage 32-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
More results

Similar Description - 74LCX32652GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX32646 FAIRCHILD-74LCX32646 Datasheet
507Kb / 11P
   Low Voltage 32-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX16646 FAIRCHILD-74LCX16646 Datasheet
123Kb / 10P
   Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com