Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2301 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2301
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2301 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2301_13 Datasheet HTML 7Page - Diodes Incorporated AP2301_13 Datasheet HTML 8Page - Diodes Incorporated AP2301_13 Datasheet HTML 9Page - Diodes Incorporated AP2301_13 Datasheet HTML 10Page - Diodes Incorporated AP2301_13 Datasheet HTML 11Page - Diodes Incorporated AP2301_13 Datasheet HTML 12Page - Diodes Incorporated AP2301_13 Datasheet HTML 13Page - Diodes Incorporated AP2301_13 Datasheet HTML 14Page - Diodes Incorporated AP2301_13 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AP2301/AP2311
Document number: DS32241 Rev. 4 - 2
11 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2301/AP2311
Application Information (cont.)
Discharge Function
The discharge function of the device is active when enable is disabled or de-asserted. The discharge function with the N-MOS power switch
implementation is activated and offers a resistive discharge path for the external storage capacitor. This is designed for discharging any residue of
the output voltage when either no external output resistance or load resistance is present at the output.
Ordering Information
Part Number
Package
Code
Packaging
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP23X1SG-13
S
SO-8
2500/Tape & Reel
-13
AP23X1M8G-13
M8
MSOP-8
2500/Tape & Reel
-13
AP23X1MPG-13
MP
MSOP-8EP
2500/Tape & Reel
-13
AP23X1FGEG-7
FGE
U-DFN3030-8 Type E
3000/Tape & Reel
-7
AP23X1SN-7
SN
U-DFN2020-6
3000/Tape & Reel
-7
Marking Information
(1) SO-8


Similar Part No. - AP2301_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
logo
ZP Semiconductor
AP2301AGN ZPSEMI-AP2301AGN Datasheet
386Kb / 6P
   P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2301AGN-HF A-POWER-AP2301AGN-HF Datasheet
56Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
More results

Similar Description - AP2301_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com