Selected language     English  ▼


I122-2R5-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part No. I122-2R5-20.000
Description  Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILSI [ILSI America LLC]
Homepage  http://www.ilsiamerica.com
Logo 

   
 1 page
background image
Leaded Oscillator, TCXO, TCVCXO
I121/I122/I321/I322 Series
Metal Package, Full Size DIP
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
1/10_A
Specifications subject to change without notice
Page 1
15.00
7.60
0.45
4.0
2.5
5.8 Max.
4.0 Min.
1.0
11.7
18.3
Pin
Connection
1
Vcontrol / N.C.
7
GND
8
Output
14
Vcc
Dimension Units: mm
0.50
Product Features:
Applications:
Available in Both Clipped Sinewave and
Base Station
HCMOS Output Levels
IP
Compatible with Leadfree Processing
WiMax / Wlan
General Purpose
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.
** Not available for all temperature ranges.
Frequency
I121/I321
I122/I322
9.600 Mhz to 40 Mhz
1.000 Mhz to 40 Mhz
Output Level
Clipped Sinewave
HCMOS
1.0 V p-p Min.
‘0’=0.1 VCC Max., ‘1’=0.9Vcc Min.
Output Load
Clipped Sinewave
HCMOS
20K Ohms / 10 pF
15pF
Duty Cycle (HCMOS)
50% ±10%
Rise / Fall Time
(HCMOS)
10 nS Max.
Frequency Stability
See Frequency Stability Table
Frequency Tolerance @ 25° C
Included in Stability Tolerance
Aging
± 1 ppm / Year Max.
Supply Voltage
See Supply Voltage Table , tolerance
± 5%
Current
3.0 mA Max. (Clipped Sinewave)
20.0 mA Max. (HCMOS)
Voltage Control
(I321/ I322)
1.65 VDC
± 1.5 VDC, ± 5.0 ppm Min. for Vcc = 3.3 VDC
2.5 VDC
± 2.0 VDC, ± 5.0 ppm Min. for Vcc = 5.0 VDC
Slope
Positive
Operating
See Operating Temperature Table
Storage
-40° C to +85° C
Part Number Guide
Sample Part Number: I121-1Q3-20.000 Mhz
Package
Operating Temperature
FrequencyStability vs Temperature
Supply Voltage
Frequency
I121 (Clipped Sinewave TCXO)
I122 (HCMOS TCXO)
I321 (Clipped Sinewave TCVCXO)
I322 (HCMOS TCVCXO)
7 = 0
° C to +50° C
**O =
±1.5 ppm
3 = 3.3 V
- 20.000 MHz
1 = 0
° C to +70° C
**P =
±2.0 ppm
5 = 5.0 V
3 = -20
° C to +70° C
Q =
±2.5 ppm
2 = -40
° C to +85° C
R =
±3.0 ppm
J =
±5.0 ppm




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl