Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23092 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23092
Description  Slimline PCB Relay SNR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23092 Datasheet(HTML) 3 Page - Tyco Electronics

  V23092 Datasheet HTML 1Page - Tyco Electronics V23092 Datasheet HTML 2Page - Tyco Electronics V23092 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Slimline PCB Relay SNR (Continued)
Product code structure
Typical product code
V23092
-A
1
005
-A
3
01
Type
V23092 Slimline PCB relay SNR
Version
A PCB, vertical version
B PCB, flat pack version
S Plug-in, vertical version
Version
1
Wash tight
Coil
Coil code: please refer to coil versions table
Contact system
A Standard
Contact material
2
AgSnO2, gold plated
3
AgSnO2
8
AgNi 90/10
Contact configuration
01 1 form C contact (1 CO)
02 1 form A contact (1 NO)
NO version with 8/8mm clearance and creepage and other types on request
Product code
Version
Contact arrangement Contact material
Coil
Part number
V23092-A1005-A201
PCB
1 form C (CO) contact
AgSnO2, gold plated
5VDC
1393236-1
V23092-A1005-A202
vertical version
1 form A (NO) contact
8-1415067-1
V23092-A1005-A301
wash tight
1 form C (CO) contact
AgSnO2
1393236-2
V23092-A1005-A302
1 form A (NO) contact
9-1415067-1
V23092-A1005-A801
1 form C (CO) contact
AgNi 90/10
1-1415068-1
V23092-A1005-A802
1 form A (NO) contact
1415068-1
V23092-A1012-A201
1 form C (CO) contact
AgSnO2, gold plated
12VDC
1393236-4
V23092-A1012-A202
1 form A (NO) contact
1393236-5
V23092-A1012-A301
1 form C (CO) contact
AgSnO2
1393236-7
V23092-A1012-A302
1 form A (NO) contact
1393236-8
V23092-A1012-A801
1 form C (CO) contact
AgNi 90/10
1-1393236-3
V23092-A1012-A802
1 form A (NO) contact
2-1415068-1
V23092-A1024-A201
1 form C (CO) contact
AgSnO2, gold plated
24VDC
2-1393236-1
V23092-A1024-A202
1 form A (NO) contact
2-1393236-2
V23092-A1024-A301
1 form C (CO) contact
AgSnO2
2-1393236-4
V23092-A1024-A302
1 form A (NO) contact
2-1393236-5
V23092-A1024-A801
1 form C (CO) contact
AgNi 90/10
3-1393236-0
V23092-A1024-A802
1 form A (NO) contact
5-1415063-1
V23092-A1048-A201
1 form C (CO) contact
AgSnO2, gold plated
48VDC
3-1393236-5
V23092-A1048-A202
1 form A (NO) contact
3-1393236-6
V23092-A1048-A301
1 form C (CO) contact
AgSnO2
3-1393236-7
V23092-A1048-A302
1 form A (NO) contact
3-1393236-8
V23092-A1048-A801
1 form C (CO) contact
AgNi 90/10
3-1393236-9
V23092-A1048-A802
1 form A (NO) contact
3-1415068-1
V23092-S1005-A201
Plug-in
1 form C (CO) contact
AgSnO2, gold plated
5VDC
1956024-9
V23092-S1005-A301
vertical version
AgSnO2
1-1956024-0
V23092-S1012-A201
wash tight
AgSnO2, gold plated
12VDC
1956024-1
V23092-S1012-A301
AgSnO2
1956024-2
V23092-S1024-A201
AgSnO2, gold plated
24VDC
1956024-3
V23092-S1024-A301
AgSnO2
1956024-4
V23092-S1048-A201
AgSnO2, gold plated
48VDC
1956024-5
V23092-S1048-A301
AgSnO2
1956024-6
V23092-S1060-A201
AgSnO2, gold plated
60VDC
1956024-7
V23092-S1060-A301
AgSnO2
1956024-8


Similar Part No. - V23092

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V23092 ETC1-V23092 Datasheet
34Kb / 1P
   6 Amp Slim Miniature, PC Board Relay
logo
Tyco Electronics
V23092-A1005-A201 MACOM-V23092-A1005-A201 Datasheet
176Kb / 3P
   Slim PCB Relay SNR
logo
TE Connectivity Ltd
V23092-A1005-A201 TEC-V23092-A1005-A201 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Tyco Electronics
V23092-A1005-A202 MACOM-V23092-A1005-A202 Datasheet
176Kb / 3P
   Slim PCB Relay SNR
logo
TE Connectivity Ltd
V23092-A1005-A202 TEC-V23092-A1005-A202 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
More results

Similar Description - V23092

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SNR MACOM-SNR_09 Datasheet
242Kb / 3P
   Slimline PCB Relay SNR
2-1393236-2 MACOM-2-1393236-2 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
2-1393236-1 MACOM-2-1393236-1 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
V23092-A1905-A301 MACOM-V23092-A1905-A301 Datasheet
351Kb / 3P
   Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
PCN MACOM-PCN_09 Datasheet
192Kb / 2P
   Slimline PCB Relay PCN
logo
Picker Components
PC385 PICKER-PC385 Datasheet
218Kb / 2P
   Slimline Power PCB Relay
logo
Tyco Electronics
SNR MACOM-SNR_06 Datasheet
176Kb / 3P
   Slim PCB Relay SNR
2-1416100-0 MACOM-2-1416100-0 Datasheet
119Kb / 2P
   Accessories Slim Interface Relay SNR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com