Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23079-A2002-B301 Datasheet(PDF) 9 Page - Tyco Electronics

Part # V23079-A2002-B301
Description  P2 V23079 Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-A2002-B301 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button V23079-A2002-B301 Datasheet HTML 5Page - Tyco Electronics V23079-A2002-B301 Datasheet HTML 6Page - Tyco Electronics V23079-A2002-B301 Datasheet HTML 7Page - Tyco Electronics V23079-A2002-B301 Datasheet HTML 8Page - Tyco Electronics V23079-A2002-B301 Datasheet HTML 9Page - Tyco Electronics V23079-A2002-B301 Datasheet HTML 10Page - Tyco Electronics V23079-A2002-B301 Datasheet HTML 11Page - Tyco Electronics V23079-A2002-B301 Datasheet HTML 12Page - Tyco Electronics V23079-A2002-B301 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AXICOM
Telecom-, Signal and RF Relays
P2 V23079 Relay
108-98002 Rev. D
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 14
Contact Data
Number of contacts and type
2 changeover contacts
Contact assembly
Bifurcated contacts
Contact material
Silver nickel, gold-covered
Limiting continuous current at max. ambient temperature
2 A
Maximum switching current
5 A
Maximum swichting voltage
220 Vdc
250 Vac
Maximum switching capacity
60 W, 62.5 VA
Thermoelectric potential
< 10 µV
Minimum switching voltage
100 µV
Initial contact resistance / measuring condition: 10 mA / 20 mV
< 50 mΩ
Electrical endurance
at 12 V / 10 mA
at 6 V / 100 mA
at 60 V / 500 mA
at 30 V / 1000 mA
at 30 V / 2000 mA
typ. 5 x 107 operations
typ. 1 x 107 operations
typ. 5 x 105 operations
typ. 1 x 106 operations
typ. 2 x 105 operations
Mechanical endurance
typ. 108 operations
UL contact ratings
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
Max. DC Load Breaking Capacity
DC current [A]
resistive load


Similar Part No. - V23079-A2002-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-A2002-B301 MACOM-V23079-A2002-B301 Datasheet
716Kb / 11P
   P2 Relay
V23079-A2002-B301 MACOM-V23079-A2002-B301 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079-A2002-B301 MACOM-V23079-A2002-B301 Datasheet
2Mb / 8P
   Signal Relays
V23079-A2002-B301 MACOM-V23079-A2002-B301 Datasheet
1Mb / 8P
   Signal Relays
More results

Similar Description - V23079-A2002-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079 MACOM-V23079 Datasheet
716Kb / 11P
   P2 Relay
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com