Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23079-B1211-B301 Datasheet(PDF) 4 Page - Tyco Electronics

Part # V23079-B1211-B301
Description  P2 V23079 Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-B1211-B301 Datasheet(HTML) 4 Page - Tyco Electronics

  V23079-B1211-B301 Datasheet HTML 1Page - Tyco Electronics V23079-B1211-B301 Datasheet HTML 2Page - Tyco Electronics V23079-B1211-B301 Datasheet HTML 3Page - Tyco Electronics V23079-B1211-B301 Datasheet HTML 4Page - Tyco Electronics V23079-B1211-B301 Datasheet HTML 5Page - Tyco Electronics V23079-B1211-B301 Datasheet HTML 6Page - Tyco Electronics V23079-B1211-B301 Datasheet HTML 7Page - Tyco Electronics V23079-B1211-B301 Datasheet HTML 8Page - Tyco Electronics V23079-B1211-B301 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AXICOM
Telecom-, Signal and RF Relays
P2 V23079 Relay
108-98002 Rev. D
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 14
Dimensions
Dimensions in mm
THT Version
Mounting hole layout
View onto the component
side of the PCB (top view)
Terminal assignment
Relay – top view
Non-latching type
not energized condition
Latching type,
reset condition
Latching, 2 coils
reset condition
Contacts in reset
position. Both coils can
be used either as set or
reset coils.
THT
V23079-x1xxx-B301
standard coil
THT
V23079-x2xxx-B301
overmolded coil
SMT long terminals
V23079-x1xxx-B301
standard coil
SMT long terminals
V23079-x2xxx-B301
overmolded coil
SMT short terminals
V23079-x1xxx-B301
standard coil
SMT short terminals
V23079-x2xxx-B301
overmolded coil
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
L
W
H
14.5 ± 0.10
7.2 ± 0.10
9.8 ± 0.10
0.570 ± 0.004
0.283 ± 0.004
0.385 ± 0.004
14.6 ± 0.10
7.2 ± 0.10
9.5 ± 0.10
0.575 ± 0.004
0.283 ± 0.004
0.374 ± 0.004
14.5 ± 0.10
7.2 ± 0.10
10.4 ± 0.15
0.570 ± 0.004
0.283 ± 0.004
0.409 ± 0.006
14.6 ± 0.10
7.2 ± 0.10
9.9 ± 0.10
0.575 ± 0.004
0.283 ± 0.004
0.390 ± 0.004
14.5 ± 0.10
7.2 ± 0.10
10.4 ± 0.15
0.570 ± 0.004
0.283 ± 0.004
0.409 ± 0.006
14.6 ± 0.10
7.2 ± 0.10
9.9 ± 0.10
0.575 ± 0.004
0.283 ± 0.004
0.390 ± 0.004
T
T1
T2
Tw
S
3.25 – 0.25
N/A
N/A
0.5 ± 0.05
0.55 – 0.15
0.128 – 0.010
N/A
N/A
0.020 ± 0.002
0.022 – 0.006
3.25 – 0.25
N/A
N/A
0.5 ± 0.05
0.45
0.128 – 0.010
N/A
N/A
0.020 ± 0.002
0.018 ± 0.002
N/A
5.52 ± 0.15
9.4 ± 0.15
0.5 ± 0.05
N/A
N/A
0.217 ± 0.006
0.370 ± 0.006
0.020 ± 0.002
N/A
N/A
5.52
9.4 ± 0.15
0.5 ± 0.05
N/A
N/A
0.217 ± 0.006
0.370 ± 0.006
0.020 ± 0.002
N/A
N/A
5.52
7.4 ± 0.15
0.5 ± 0.05
N/A
N/A
0.217 ± 0.006
0.291 ± 0.006
0.020 ± 0.002
N/A
N/A
5.52
7.4 ± 0.15
0.5 ± 0.05
N/A
N/A
0.217 ±0.006
0.291 ±0.006
0.020 ±0.002
N/A
SMT Version
P2 SMT S
Long terminals
Short terminals
0,9 ±0,1
Note: Solder pad for pin 6 and 7
only for latching with 2 coils
Note: Solder pad for pin 6 and 7
only for latching with 2 coils
Solder pad layout
View onto the component side of the PCB (top view)
Long terminals
Short terminals
Note: Hole for pin 6 and 7
only for latching with 2 coils.
Basic grid 2.54 mm


Similar Part No. - V23079-B1211-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-B1211-B301 MACOM-V23079-B1211-B301 Datasheet
716Kb / 11P
   P2 Relay
V23079-B1211-B301 MACOM-V23079-B1211-B301 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079-B1211-B301 MACOM-V23079-B1211-B301 Datasheet
2Mb / 8P
   Signal Relays
V23079-B1211-B301 MACOM-V23079-B1211-B301 Datasheet
1Mb / 8P
   Signal Relays
More results

Similar Description - V23079-B1211-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079 MACOM-V23079 Datasheet
716Kb / 11P
   P2 Relay
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com