Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX573 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LCX573
Description  Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX573 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LCX573 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.fairchildsemi.com
74LCX573 Rev. 2.0.0
AC Loading and Waveforms (Generic for LCX Family)
Figure 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and
Non-Inverting Functions
Propagation Delay, Pulse Width and
trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and
Recovery Time for Logic
trise and tfall
Figure 2. Waveforms (Input Characteristics; f = 1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH, tPHZ
GND
VCC
DUT
CL
500
500
OPEN
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
GND
VI
TEST
SIGNAL
VCC
GND
DATA
IN
DATA
OUT
tpxx
tpxx
Vmi
Vmo
VCC
GND
CONTROL
IN
CLOCK
OUTPUT
tPHL
tPLH
trec
tW
Vmi
Vmi
Vmo
Vmo
VCC
VX
VOL
GND
DATA
OUT
OUTPUT
CONTROL
tPZL
tPLZ
Vmi
Vmo
DATA
OUT
OUTPUT
CONTROL
tPZH
tPHZ
VCC
GND
Vmi
VOH
VY
Vmo
DATA
IN
CONTROL
INPUT
MR
OR
CLEAR
tS
tS
tH
trec
VCC
GND
VCC
GND
Vmi
Vmi
Vmi
ANY
OUTPUT
tr
tf
VOH
VOL
10%
10%
90%
90%
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC / 2
Vmo
1.5V
1.5V
VCC / 2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


Similar Part No. - 74LCX573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
276Kb / 13P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX573BQX FAIRCHILD-74LCX573BQX_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
74LCX573FT TOSHIBA-74LCX573FT Datasheet
203Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2014-06-24 Rev.1.0
logo
STMicroelectronics
74LCX573M STMICROELECTRONICS-74LCX573M Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - 74LCX573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Toshiba Semiconductor
TC74LCX573F TOSHIBA-TC74LCX573F Datasheet
306Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ373FK TOSHIBA-TC7MZ373FK Datasheet
252Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ573FK TOSHIBA-TC7MZ573FK Datasheet
261Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX373F TOSHIBA-TC74LCX373F Datasheet
303Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX543 FAIRCHILD-74LCX543 Datasheet
90Kb / 8P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com