Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX573 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74LCX573
Description  Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX573 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX573 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 10Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 11Page - Fairchild Semiconductor 74LCX573 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
www.fairchildsemi.com
74LCX573 Rev. 2.0.0
Tape and Reel Specification
Tape Format for DQFN
Tape Dimensions inches (millimeters)
Reel Dimensions inches (millimeters)
Package
Designator
Tape
Section
Number
Cavities
Cavity
Status
Cover Tape
Status
BQX
Leader (Start End)
125 (typ)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape Size
ABCDN
W1
W2
12 mm
13.0
(330.0)
0.059
(1.50)
0.512
(13.00)
0.795
(20.20)
2.165
(55.00)
0.488
(12.4)
0.724
(18.4)


Similar Part No. - 74LCX573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
276Kb / 13P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX573BQX FAIRCHILD-74LCX573BQX_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
74LCX573FT TOSHIBA-74LCX573FT Datasheet
203Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2014-06-24 Rev.1.0
logo
STMicroelectronics
74LCX573M STMICROELECTRONICS-74LCX573M Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - 74LCX573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Toshiba Semiconductor
TC74LCX573F TOSHIBA-TC74LCX573F Datasheet
306Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ373FK TOSHIBA-TC7MZ373FK Datasheet
252Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ573FK TOSHIBA-TC7MZ573FK Datasheet
261Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX373F TOSHIBA-TC74LCX373F Datasheet
303Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX543 FAIRCHILD-74LCX543 Datasheet
90Kb / 8P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com