Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23105A5502A201 Datasheet(PDF) 2 Page - Tyco Electronics

Part # V23105A5502A201
Description  D2n Relay V23105
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23105A5502A201 Datasheet(HTML) 2 Page - Tyco Electronics

  V23105A5502A201 Datasheet HTML 1Page - Tyco Electronics V23105A5502A201 Datasheet HTML 2Page - Tyco Electronics V23105A5502A201 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
D2n Relay V23105 (Continued)
Coil Data (continued)
Coil operative range graphs
Unom
Nominal coil voltage
Umax
Upper limit of the operative range of the coil voltage (limiting
voltage) when coils are continously energized
Uop. min. Lower limit of the operative range of
the coil voltage (reliable operate voltage)
Urel. min. Lower limit of the operative range of
the coil voltage (reliable release voltage)
Insulation Data
Initial dielectric strength
between open contacts
750Vrms
between contact and coil
1050Vrms
between adjacent contacts
750Vrms
Initial surge withstand voltage
between open contacts
1500V
between contact and coil
1500V
between adjacent contacts
1500V
Initial insulation resistance at 500 VDC
> 109Ω
Capacitance
between open contacts
max. 2pF
between contact and coil
max. 4pF
between adjacent contacts
max. 2 pF
RF Data
Isolation at 100MHz/900MHz
-39.0dB/-20.7dB
Insertion loss at 100MHz/900MHz
-0.02dB/-0.27dB
Voltage standing wave ratio (VSWR)
at 100MHz/900MHz
1.04/1.40
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +85°C
Category of environmental protection
IEC 61810
RT III - immersion cleanable
Degree of protection, IEC 60529
IP 67
Vibration resistance (functional)
10g, 10 to 55Hz
Shock resistance (functional)
IEC 60068-2-27 (half sine)
10g
Shock resistance (destructive)
50g
Terminal type
PCB-THT
Weight
max. 6g
Resistance to soldering heat THT
IEC 60068-2-20
265°C/10s
Ultrasonic cleaning
not recommended
Packaging unit
1000 pcs.
Coil Data (continued)
108-98007 Rev A
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 12
Telecom-, Signal and RF Relays
D2n V23105 Relay
AXICOM
Coil Operating Range
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of the coil voltage (limiting
voltage) when coils are continously energized
Uop. min. = Lower limit of the operative range of
the coil voltage (reliable operate voltage)
Urel. min. = Lower limit of the operative range of
the coil voltage (reliable release voltage)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
550 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
150 mW coil
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-30 -20 -10
0
10 20
30
40 50
60
70 80
90 100 110 120
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
400 mW coil
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom.
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom.
Uop. min.
Urel. min.
Ambient Temperature [°C]
150 mW
200 mW
400 mW
550 mW
108-98007 Rev A
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 12
Telecom-, Signal and RF Relays
D2n V23105 Relay
AXICOM
Coil Operating Range
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of the coil voltage (limiting
voltage) when coils are continously energized
Uop. min. = Lower limit of the operative range of
the coil voltage (reliable operate voltage)
Urel. min. = Lower limit of the operative range of
the coil voltage (reliable release voltage)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
550 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
150 mW coil
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-30 -20 -10
0
10 20
30
40 50
60
70 80
90 100 110 120
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
400 mW coil
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom.
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom.
Uop. min.
Urel. min.
Ambient Temperature [°C]
150 mW
200 mW
400 mW
550 mW
108-98007 Rev A
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 12
Telecom-, Signal and RF Relays
D2n V23105 Relay
AXICOM
Coil Operating Range
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of the coil voltage (limiting
voltage) when coils are continously energized
Uop. min. = Lower limit of the operative range of
the coil voltage (reliable operate voltage)
Urel. min. = Lower limit of the operative range of
the coil voltage (reliable release voltage)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
550 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
150 mW coil
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-30 -20 -10
0
10 20
30
40 50
60
70 80
90 100 110 120
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
400 mW coil
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom.
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom.
Uop. min.
Urel. min.
Ambient Temperature [°C]
150 mW
200 mW
400 mW
550 mW
108-98007 Rev A
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 12
Telecom-, Signal and RF Relays
D2n V23105 Relay
AXICOM
Coil Operating Range
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of the coil voltage (limiting
voltage) when coils are continously energized
Uop. min. = Lower limit of the operative range of
the coil voltage (reliable operate voltage)
Urel. min. = Lower limit of the operative range of
the coil voltage (reliable release voltage)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
550 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
150 mW coil
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-30 -20 -10
0
10 20
30
40 50
60
70 80
90 100 110 120
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
400 mW coil
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom.
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom.
Uop. min.
Urel. min.
Ambient Temperature [°C]
150 mW
200 mW
400 mW
550 mW
PCB layout
TOP view on component side of PCB
Terminal assignment
TOP view on component side of PCB


Similar Part No. - V23105A5502A201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23105A5502A201 MACOM-V23105A5502A201 Datasheet
498Kb / 11P
   The Best Relaytion
logo
TE Connectivity Ltd
V23105A5502A201 TEC-V23105A5502A201 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
More results

Similar Description - V23105A5502A201

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
1393792-2 TRUMPOWER-1393792-2 Datasheet
22Kb / 1P
   D2n-Relay Dimensions
logo
Tyco Electronics
2-1393793-1 MACOM-2-1393793-1 Datasheet
60Kb / 1P
   D2n Relays Dimensions
2-1393793-4 MACOM-2-1393793-4 Datasheet
60Kb / 1P
   D2n Relays Dimensions
2-1393793-3 MACOM-2-1393793-3 Datasheet
60Kb / 1P
   D2n Relays Dimensions
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com