Electronic Components Datasheet Search |
|
I733-2N3-20.000 Datasheet(PDF) 1 Page - ILSI America LLC |
|
I733-2N3-20.000 Datasheet(HTML) 1 Page - ILSI America LLC |
1 / 2 page 3.2 mm x 5 mm Ceramic Package SMD TCXO I533/I534/I733/I734 Series ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 12/20/11_D Specifications subject to change without notice Page 1 5.0 2.6 1.4 1.35 1.6 4.0 Dimension Units: mm 1 2 4 3 Pin Connection 1 Control Voltage or N.C. 2 GND 3 Output 4 Vcc 3.2 1 2 2 3 3 4 4 1 1.5 2.5 Product Features: Applications: Low Jitter, Non-PLL Based Output Server & Storage Available in Both Clipped Sinewave and Sonet /SDH HCMOS Output Levels 802.11 / Wifi Compatible with Leadfree Processing T1/E1, T3/E3 Fibre Channel NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise. ** Not available for all temperature ranges. Frequency 8.000 Mhz to 40 Mhz Output Level Clipped Sinewave HCMOS 0.8 V p-p Min. ‘0’=0.5 VDC Max., ‘1’=0.8Vcc Min. Output Load Clipped Sinewave HCMOS 20K Ohms / 10 pF 15pF Duty Cycle (HCMOS) 50% ±10% Rise / Fall Time (HCMOS) 10 nS Max. Frequency Stability Vs Temperature Vs Voltage Vs Load(5%) See Frequency Stability Table 0.3 ppm Max. .0.2 ppm Max. Frequency Tolerance @ 25 C 1.0 ppm Aging 1 ppm / Year Max. Supply Voltage See Supply Voltage Table , tolerance 5% Current 2.0 mA Max. (Clipped Sinewave) 6.0 mA Max. (HCMOS) Voltage Control (I733/I734) 1.5 VDC 1.0 VDC, 5.0 ppm Min. Operating See Operating Temperature Table Storage -40 C to +85 C Phase Noise (typ. @ 20Mhz) -86 dBc/Hz @ 10 Hz -115 dBc/Hz @ 100 Hz -138 dBc/Hz @ 1KHz -146 dBc/Hz @ 10 Khz Part Number Guide Sample Part Number: I537-1Q3-20.000 Mhz Package Operating Temperature FrequencyStability vs Temperature Supply Voltage Frequency I533 (Clipped Sinewave TCXO) I534 (HCMOS TCXO) I733 (Clipped Sinewave TCVCXO) I734 (HCMOS TCVCXO) 7 = 0 C to +50 C **N = 1.0 ppm 3 = 3.3 V - 20.000 MHz 1 = 0 C to +70 C **O = 1.5 ppm 7 = 3.0 V 3 = -20 C to +70 C **P = 2.0 ppm 2 = 2.7 V 2 = -40 C to +85 C Q = 2.5 ppm R = 3.0 ppm J = 5.0 ppm |
Similar Part No. - I733-2N3-20.000 |
|
Similar Description - I733-2N3-20.000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |