Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I747-5O3-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I747-5O3-20.000
Description  2.5 mm x 3.2 mm Ceramic Package SMD TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I747-5O3-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I747-5O3-20.000 Datasheet HTML 1Page - ILSI America LLC I747-5O3-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I547/I747 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
8/09/11_E
Specifications subject to change without notice
Page 1
3
4
2
1
2.40
3.20
2.50
1.2 Max.
2.0
0.9
1.3
1
2
4
3
4
1
3
2
Pin Connection
1
Vcontrol / N.C.
2
GND
3
Output
4
Vcc
Dimension Units: mm
Recommended Pad Layout
0.10
0.10
0.65 +/-0.02
0.62 +/-0.02
Product Features:
Applications:
Low Jitter, Non-PLL Based Output
GPS
Clipped Sinewave
Sonet /SDH
Analog Compensation
802.11 / Wifi
Available  0.5 ppm Stability
T1/E1, T3/E3
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.
** Not available for all temperature ranges.
Frequency
10Mhz to 52 Mhz
GPS Frequencies
16.396Mhz, 16.3676Mhz, 16.367667Mhz, 19.200Mhz,
24.5535Mhz, 26.000Mhz
Frequency Tolerance @ 25C
 1.5 ppm
Frequency Stability
Vs Temperature
Vs Supply Voltage (
 5%)
Vs Load(10%)
See Frequency Stability Table
 0.1 ppm Max.
.0.2 ppm Max.
Output Level
Clipped Sinewave
0.8 V p-p Min.
Output Load
Clipped Sinewave
10K Ohms / 10 pF
Duty Cycle (HCMOS)
50% ±10%
Frequency Slope
(2C steps from -20C to +70C)
 0.1 ppm /C
Start Time (90% of Vp-p)
3.0 mS Max.
Aging
 1 ppm / Year Max.
Supply Voltage
See Supply Voltage Table , tolerance
 5%
Current
1.5 mA Max
Voltage Control
(I747)
1.5 VDC
 1.0 VDC,  5.0 ppm Min.
Operating
See Operating Temperature Table
Storage
-40C to +85C
Phase Noise
-87 dBc/Hz @ 10 Hz
-112 dBc/Hz @ 100 Hz
-135 dBc/Hz @ 1KHz
-145 dBc/Hz @ 10 Khz
Part Number Guide
Sample Part Number: I547-1Q3-20.000 Mhz
Package
Operating Temperature
FrequencyStability vs Temperature
Supply Voltage
Frequency
I547 (Clipped Sinewave TCXO)
I747 (Clipped Sinewave TCVCXO)
7 = 0
 C to +50 C
**Y =
0.5 ppm
3 = 3.3 V
- 20.000 MHz
1 = 0
 C to +70 C
**N =
1.0 ppm
7 = 3.0 V
3 = -20
 C to +70 C
**O =
1.5 ppm
2 = 2.7 V
5 = -30
 C to +85 C
**P =
2.0 ppm
1 = 1.8 V
2 = -40
 C to +85 C
Q =
2.5 ppm
R =
3.0 ppm
J =
5.0 ppm


Similar Part No. - I747-5O3-20.000

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
I740 WXDH-I740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
NXP Semiconductors
I74F00D PHILIPS-I74F00D Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
logo
Nexperia B.V. All right...
I74F00D NEXPERIA-I74F00D Datasheet
197Kb / 9P
   Quad 2-input NAND gate
October 4, 1990
logo
NXP Semiconductors
I74F00N PHILIPS-I74F00N Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
logo
Nexperia B.V. All right...
I74F00N NEXPERIA-I74F00N Datasheet
197Kb / 9P
   Quad 2-input NAND gate
October 4, 1990
More results

Similar Description - I747-5O3-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I537 ILSI-I537 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I533 ILSI-I533 Datasheet
46Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD TCXO
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I583 ILSI-I583 Datasheet
53Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
ISM34 ILSI-ISM34 Datasheet
48Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, HC-MOS
logo
Xtaltq Technologies Co....
BS3225A XTALTQ-BS3225A Datasheet
327Kb / 2P
   Typical 3.2 x 2.5 x 0.95 mm ceramic SMD package.
logo
ILSI America LLC
ILCX13 ILSI-ILCX13 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 2.5 mm x 3.2 mm
ISM67 ILSI-ISM67 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator, LVMOS / LVPECL / LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com