Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISM68-6669BH-156.250 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ISM68-6669BH-156.250
Description  9mm x 14 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ISM68-6669BH-156.250 Datasheet(HTML) 1 Page - ILSI America LLC

  ISM68-6669BH-156.250 Datasheet HTML 1Page - ILSI America LLC ISM68-6669BH-156.250 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9mm x 14 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM68 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
06/09
Specifications subject to change without notice
Page 1
Pin
Connection
Pin
Connection
1
N.C.
4
Output
2
Enable
5
Comp. Output
3
GND
6
Vcc
5.08
13
4
6
2
5
9.78 Max.
3.0
1.27
2.54
8.8
14.22 Max.
0.46
4.7 Max.
Ref.
7.62
Dimension Units: mm
Product Features:
Applications:
Surface Mount Package
Test Equipment
Reflow Compatible
Server & Storage
Compatible with Leadfree Processing
Sonet /SDH
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 6) and GND (pin 3) to minimize power supply noise.
** Not available for all temperature ranges. *** Frequency, supply, and load related parameters.
Frequency
1 MHz to 750.000 MHz
Output Level
LVDS
LVPECL
Vod = 393 mV Typ., 475 mV Max.
‘0’ = Vcc - 1.63 V Max.
‘1’ = Vcc - 1.02 V Min.
Duty Cycle
Specify 50% ±10% or ±5% See Table in Part Number Guide
Rise / Fall Time
0.6 nS Max.
Output Load
LVDS
LVPECL
100
Differential
50
to Vcc - 2.0 VDC
Frequency Stability
See Frequency Stability Table in Part Numbering Guide (Includes room
temperature tolerance and stability over operating temperature)
Start-up Time
10 mS Max.
Enable / Disable
Time
100 nS Max.
Supply Voltage
See Input Voltage Table, tolerance ±5 %
Current
LVDS = 90 mA Max., ***
LVPECL = 130 mA Max. ***
Operating
See Operating Temperature Table in Part Number Guide
Storage
-55 C to +125 C
Part Number Guide
Sample Part Number:
ISM68 - 3169BH - 156.250
Package
Input
Voltage
Operating
Temperature
Symmetry
(Duty Cycle)
Output
Stability
(in ppm)
Enable /
Disable
Frequency
ISM68 -
3 = 3.3 V
1 = 0 C to +70 C
5 = 45 / 55 Max.
8 = LVDS
**A = 25
H = Enable
- 156.250 MHz
7 = 3.0 V
6 = -10 C to +70 C
6 = 40 / 60 Max.
9 = LVPECL
B = 50
2 = 2.7 V
3 = -20 C to +70 C
C = 100
6 = 2.5 V
4 = -30 C to +75 C
2 = -40 C to +85 C
e-mail@ilsiamerica.com
• www.ilsiamerica.com


Similar Part No. - ISM68-6669BH-156.250

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM61 ILSI-ISM61 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM61-1151AH-20.000 ILSI-ISM61-1151AH-20.000 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM61-1151AO-20.000 ILSI-ISM61-1151AO-20.000 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM61-1151BH-20.000 ILSI-ISM61-1151BH-20.000 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM61-1151BO-20.000 ILSI-ISM61-1151BO-20.000 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
More results

Similar Description - ISM68-6669BH-156.250

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM65 ILSI-ISM65 Datasheet
51Kb / 2P
   9 mm x 14 mm FR-4 Package SMD Oscillator, LVPECL / LVDS
ISM99 ILSI-ISM99 Datasheet
51Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM98 ILSI-ISM98 Datasheet
54Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM67 ILSI-ISM67 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator, LVMOS / LVPECL / LVDS
ISM63 ILSI-ISM63 Datasheet
112Kb / 3P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM64 ILSI-ISM64 Datasheet
55Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM88 ILSI-ISM88 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
I607 ILSI-I607 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I617 ILSI-I617 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
ISM89 ILSI-ISM89 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com