Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23079-J1108-B301 Datasheet(PDF) 6 Page - Tyco Electronics

Part # V23079-J1108-B301
Description  P2 V23079 Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-J1108-B301 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button V23079-J1108-B301 Datasheet HTML 2Page - Tyco Electronics V23079-J1108-B301 Datasheet HTML 3Page - Tyco Electronics V23079-J1108-B301 Datasheet HTML 4Page - Tyco Electronics V23079-J1108-B301 Datasheet HTML 5Page - Tyco Electronics V23079-J1108-B301 Datasheet HTML 6Page - Tyco Electronics V23079-J1108-B301 Datasheet HTML 7Page - Tyco Electronics V23079-J1108-B301 Datasheet HTML 8Page - Tyco Electronics V23079-J1108-B301 Datasheet HTML 9Page - Tyco Electronics V23079-J1108-B301 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AXICOM
Telecom-, Signal and RF Relays
P2 V23079 Relay
108-98002 Rev. D
All specifications subject to change. Consult Tyco Electronics for latest specifications.
 of 14
SMT version with long terminals
D = non-latching, 1 coil
E = latching, 2 coils
F = latching, 1 coil
SMT version with short terminals
G = non-latching, 1 coil
H = latching, 2 coils
J = latching, 1 coil
Coil type
1 = standard coil; B1, E1, F1, J1, H1
2 = overmolded coil, A1*, A2, C1*, D1*, D2, E2, G1*, G2
(only monostable versions, i.e. relay type A, D, G)
*both standard and overmolded coil possible
Coil number
Monostable, 1 coil
Latching, 1 coil
Latching, 2 coils
008 = 3 V nominal voltage 108 = 3 V nominal voltage
218 = 2.4 V nominal voltage
011= 4.5 V
111 = 4.5 V
208 = 3 V
001 = 5 V
101 = 5 V
211 = 4.5 V
002 = 6 V
102 = 6 V
201 = 5 V
006 = 9 V
106 = 9 V
202 = 6 V
003 = 12 V
103 = 12 V
206 = 9 V
005 = 24 V
105 = 24 V
203 = 12 V
205 = 24 V
V 2 3 0 7 9
Identification of the
Miniature Relay P2
Relay type
THT version
A = non-latching, 1 coil
B = latching, 2 coils
C = latching, 1 coil
Contact arrangement / material
B301 = 2 changeover contacts; silver nickel, gold-plated, against silver nickel, gold-plated
B201 = 2 changeover contacts; silver palladium, gold-plated, against silver palladium
Ordering example: V23079-D2001-B301
Miniature relay P2 SMT version with long terminals (overmolded coil), non-latching, 1 coil, 5 V nominal voltage,
2 changeover contacts, silver nickel contacts
Relay Code


Similar Part No. - V23079-J1108-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-J1108-B301 MACOM-V23079-J1108-B301 Datasheet
716Kb / 11P
   P2 Relay
V23079-J1108-B301 MACOM-V23079-J1108-B301 Datasheet
2Mb / 8P
   Signal Relays
More results

Similar Description - V23079-J1108-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079 MACOM-V23079 Datasheet
716Kb / 11P
   P2 Relay
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com