Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX646MTCX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 74LCX646MTCX
Description  Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX646MTCX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCX646MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC24
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74LCX646MTCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX646M1R STMICROELECTRONICS-74LCX646M1R Datasheet
241Kb / 13P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
More results

Similar Description - 74LCX646MTCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32652 FAIRCHILD-74LCX32652 Datasheet
468Kb / 11P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX543 FAIRCHILD-74LCX543 Datasheet
90Kb / 8P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK Datasheet
244Kb / 6P
   LOW-VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX543 ONSEMI-74LCX543 Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com