Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B9V1 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BZT52B9V1
Description  Surface mount Silicon Planar Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZT52B9V1 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BZT52B9V1 Datasheet HTML 1Page - Diotec Semiconductor BZT52B9V1 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZT52B2V4 ... BZT52B39 (500 mW 2%)
Maximum ratings
Grenzwerte
Type
Typ
Z-voltage range 1)
Z-Spanngs.-Bereich 1)
IZT = 5mA
Dynamic resistance
Diff. Widerstand
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 100 nA
Z-current 2)
Z-Strom 2)
TA = 25°C
VZ min [V]
VZ max [V]
ZZK
[Ω]
IZK [mA]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
BZT52B2V4
2.2
2.65
< 100
5
-9...-6
1 (<120 µA)
189
BZT52B2V7
2.65
2.95
< 110
5
-9...-6
1 (<120 µA)
169
BZT52B3V0
2.95
3.25
< 120
5
-8...-5
1 (<50 µA)
154
BZT52B3V3
3.25
3.55
< 120
5
-8...-5
1 (<20 µA)
141
BZT52B3V6
3.6
3.84
< 100
5
-8...-5
1 (<10 µA)
130
BZT52B3V9
3.89
4.16
< 100
5
-8...-5
1 (<5 µA)
120
BZT52B4V3
4.17
4.43
< 100
5
-6...-3
1 (<5 µA)
113
BZT52B4V7
4.55
4.75
< 100
5
-5...+2
1 (<2 µA)
105
BZT52B5V1
4.98
5.2
< 80
5
-2...+2
1.5 (<2 µA)
96
BZT52B5V6
5.49
5.73
< 60
5
-5...+5
2.5 (<1 µA)
87
BZT52B6V2
6.06
6.33
< 60
5
-3...+6
3 (<1 µA)
79
BZT52B6V8
6.65
6.93
< 40
5
+3...+7
3.5 (<0.5 µA)
72
BZT52B7V5
7.28
7.6
< 30
5
+3...+7
4 (<0.5 µA)
66
BZT52B8V2
8.02
8.36
< 30
5
+8...+7
5 (<0.5 µA)
60
BZT52B9V1
8.85
9.23
< 30
5
+3...+9
6 (<0.5 µA)
54
BZT52B10
9.77
10.21
< 30
5
+3...+10
7
49
BZT52B11
10.76
11.22
< 30
5
+3...+11
8
45
BZT52B12
11.74
12.24
< 30
5
+3...+11
9
41
BZT52B13
12.91
13.49
< 37
5
+3...+11
10
37
BZT52B15
14.34
14.98
< 42
5
+3...+11
11
33
BZT52B16
15.85
16.51
< 50
5
+3...+11
12
30
BZT52B18
17.56
18.35
< 65
5
+3...+11
13
27
BZT52B20
19.52
20.39
< 85
5
+3...+11
15
25
BZT52B22
21.54
22.47
< 100
5
+4...+12
17
22
BZT52B24
23.72
24.78
< 120
5
+4...+12
19
20
BZT52B27
26.19
27.53
< 150
5
+4...+12
21
18
BZT52B30
29.19
30.69
< 200
5
+4...+12
23
16
BZT52B33
32.15
33.79
< 250
5
+4...+12
25
15
BZT52B36
35.07
36.87
< 300
5
+4...+12
27
14
BZT52B39
37.0
41.0
<100
5
+4...+12
30 (< 2 µA)
12
1
Tested with pulses (20 ms) – Gemessen mit Impulsen (20 ms)
2
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad an jedem Anschluss)
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - BZT52B9V1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B9V1 TSC-BZT52B9V1 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT52B9V1 VISHAY-BZT52B9V1 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Weitron Technology
BZT52B9V1 WEITRON-BZT52B9V1 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
BZT52B9V1 FOSHAN-BZT52B9V1 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Shenzhen Taychipst Elec...
BZT52B9V1 TAYCHIPST-BZT52B9V1 Datasheet
2Mb / 3P
   Small Signal Diode
More results

Similar Description - BZT52B9V1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
   Surface Mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_13 Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
   Surface Mount Silicon Planar Zener Diodes
logo
Diotec Semiconductor
ZMM1-2P DIOTEC-ZMM1-2P Datasheet
134Kb / 3P
   Surface mount Silicon Planar Zener Diodes
BZX84B2V4 DIOTEC-BZX84B2V4_15 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com