Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1200D Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # F1200D
Description  Superfast Silicon Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

F1200D Datasheet(HTML) 2 Page - Diotec Semiconductor

  F1200D Datasheet HTML 1Page - Diotec Semiconductor F1200D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F1200A ... F1200G
Characteristics
Kennwerte
Forward Voltage – Durchlass-Spannung
Tj = 25°C
IF = 5 A
IF = 12 A
VF
< 0.82 V
< 0.91 V
Leakage current – Sperrstrom
Tj = 25°C
Tj = 125°C
VR = VRRM
IR
< 5 µA
typ. 40 µA
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to/auf IR = 0.25 A
trr
< 200 ns
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
10
1
10
3
2
-1
[A]
I
F
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
400a-(5a-0,8v)
10
10
10
10
1
4
3
2
[µA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. reverse voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 125°C
j
T = 150°C
j


Similar Part No. - F1200D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F1200D DIOTEC-F1200D Datasheet
84Kb / 2P
   Fast Silicon Rectifiers
F1200D DIOTEC-F1200D Datasheet
93Kb / 2P
   Superfast Silicon-Rectifiers
logo
EIC discrete Semiconduc...
F1200D EIC-F1200D Datasheet
110Kb / 2P
   FAST RECOVERY
logo
Diotec Semiconductor
F1200D DIOTEC-F1200D Datasheet
97Kb / 2P
   Superfast Silicon Rectifier Diodes
F1200D DIOTEC-F1200D Datasheet
97Kb / 2P
   Superfast Silicon Rectifier Diodes
More results

Similar Description - F1200D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FX2000A DIOTEC-FX2000A_13 Datasheet
96Kb / 2P
   Superfast Silicon Rectifier Diodes
FX2000A DIOTEC-FX2000A Datasheet
104Kb / 2P
   Superfast Silicon Rectifier Diodes
FX2000A DIOTEC-FX2000A_15 Datasheet
96Kb / 2P
   Superfast Silicon Rectifier Diodes
F1200A DIOTEC-F1200A_15 Datasheet
97Kb / 2P
   Superfast Silicon Rectifier Diodes
F1200A DIOTEC-F1200A_11 Datasheet
97Kb / 2P
   Superfast Silicon Rectifier Diodes
FE2A DIOTEC-FE2A_13 Datasheet
92Kb / 2P
   Superfast Switching Silicon Rectifier Diodes
FE1A DIOTEC-FE1A_13 Datasheet
92Kb / 2P
   Superfast Switching Silicon-Rectifier Diodes
FE6A DIOTEC-FE6A_12 Datasheet
93Kb / 2P
   Superfast Switching Silicon Rectifier Diodes
FE3A DIOTEC-FE3A_10 Datasheet
91Kb / 2P
   Superfast Switching Silicon Rectifier Diodes
FE3A DIOTEC-FE3A_13 Datasheet
94Kb / 2P
   Superfast Switching Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com