Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA20 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MSA20
Description  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSA20 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MSA20 Datasheet HTML 1Page - Fairchild Semiconductor MSA20 Datasheet HTML 2Page - Fairchild Semiconductor MSA20 Datasheet HTML 3Page - Fairchild Semiconductor MSA20 Datasheet HTML 4Page - Fairchild Semiconductor MSA20 Datasheet HTML 5Page - Fairchild Semiconductor MSA20 Datasheet HTML 6Page - Fairchild Semiconductor MSA20 Datasheet HTML 7Page - Fairchild Semiconductor MSA20 Datasheet HTML 8Page - Fairchild Semiconductor MSA20 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
74LCX574 Rev. 2.0.0
DC Electrical Characteristics
AC Electrical Characteristics
Notes:
6.
Outputs disabled or 3-STATE only.
7.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the
same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-
HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Units
Min.
Max.
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.7
V
2.7
− 3.6
2.0
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
2.7
− 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100µA
2.3
− 3.6
VCC − 0.2
V
IOH = −8mA
2.3
1.8
IOH = −12mA
2.7
2.2
IOH = −18mA
3.0
2.4
IOH = −24mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100µA
2.3
− 3.6
0.2
V
IOL = 8mA
2.3
0.6
IOL = 12mA
2.7
0.4
IOL = 16mA
3.0
0.4
IOL = 24mA
3.0
0.55
II
Input Leakage Current
0
≤ V
I ≤ 5.5V
2.3
− 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 5.5V,
VI = VIH or VIL
2.3
− 3.6
±5.0
µA
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I, VO ≤ 5.5V
6
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500 Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5 ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min.
Max.
Min.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
150
MHz
tPHL, tPLH Propagation Delay,
CP to On
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPZL, tPZH Output Enable Time
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPLZ, tPHZ Output Disable Time
1.5
6.5
1.5
7.0
1.5
7.8
ns
tS
Setup Time
2.5
2.5
4.0
ns
tH
Hold Time
1.5
1.5
2.0
ns
tW
Pulse Width
3.3
3.3
4.0
ns
tOSHL,
tOSLH
Output to Output Skew7
1.0
ns


Similar Part No. - MSA20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSA20 FAIRCHILD-MSA20 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
MSA20 FAIRCHILD-MSA20 Datasheet
156Kb / 11P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs
More results

Similar Description - MSA20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com