Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AEC-6900-B1 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-AEC-6900-B1
Description  Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6900-B1 Datasheet(HTML) 1 Page - AAEON Technology

  TF-AEC-6900-B1 Datasheet HTML 1Page - AAEON Technology TF-AEC-6900-B1 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Note: All specifications are subject to change without notice.
06-13
06
Fanless Design
Intel® ULV Celeron® 650MHz Processor
PCI x 1 (Optional 2nd PCI)/ PCMCIA x 2
Wide DC or AC Power Input Range
Dual Ethernet, COM x 4, USB x 4, Audio, Parallel
Anti-vibration and Shock Resistant
Machine Control, Security Node, Data Analyzer
Platform
AT Power Function
System
Processor
Intel® ULV Celeron® 650MHz Processor
System Memory
SDRAM DIMM x 1, Max. 512 MB
Expansion
PCI x 1 (Optional 2nd PCI), PCMCIA x 2
VGA/ Keyboard/ Mouse
DB-15 VGA x 1, PS/2 Keyboard x 1, PS/2 Mouse x 1
Ethernet
10/100Base-TX, RJ-45 x 2
SSD
Type II CompactFlash™ x 1
Hard Disk Storage
2.5” Hard Disk Drive Bay
Serial
RS-232 x 3, RS-232/422/485 x 1
Audio
Mic-in/ Line-in/ Line-out, requires extension cable
USB
USB1.1 x 4
Parallel
Printer x 1
System Control
Power on/ off switch x 1, Reset button x 1
LED Indicator
Power LED x 1, Hard Disk Drive active LED x 1
Watchdog Timer
Generates a time-out system reset, setting via software
Power Supply
1. DC Input:
Internal DC-DC Converter (Default)
Input voltage: 9V DC ~ 30V DC
2. AC Input:
External Power Adapter (Optional)
Input voltage: 100V AC ~ 240V AC @ 50 ~ 60Hz
Power Consumption
Intel® ULV Celeron® 650MHz
1.66A @12V
MTBF (Hours)
60,000
OS Support
Windows® XP, Windows® 2000, Windows® XP Embedded
Mechanical
Construction
Rugged Aluminum Alloy chassis
Color
Mustard
Mounting
Wallmount
Dimension
8.4”(W) x 3.7”(H) x 9.4”(D) (214mm x 94.8mm x 237.8mm) - 1 PCI
8.4”(W) x 4.6”(H) x 9.4”(D) (214mm x 117.5mm x 237.8mm) - 2 PCI
Carton Dimension
13.2”(W) x 11.6”(H) x 10.2”(D) (336mm x 294mm x 260mm)
Net Weight
12.4 lb (5.63 kg) - 1 PCI
13.7 lb (6.21 kg) - 2 PCI
Environmental
Operating Temperature
5ºF ~ 149ºF (-15ºC ~ 65ºC) (CompactFlash™)
5ºF ~ 140ºF (-15ºC ~ 60ºC) (Automotive Hard Disk Drive)
5ºF ~ 113ºF (-15ºC ~ 45ºC) (Normal Hard Disk Drive)
Storage Humidity
5~95%@40ºC, non-condensing
Vibration
5 grms/ 5 ~ 500Hz/ random operation (CompactFlash™)
1 grms/ 5 ~ 500Hz/ random operation (Internal Hard Disk Drive)
Shock
50 g peak acceleration (11 msec. duration) (CompactFlash™)
20 g peak acceleration (11 msec. duration) (Hard Disk Drive)
EMC
CE/FCC class A
Power Input
Keyboard
COM x 4
Audio
10/100Base-TX Ethernet x 2
Mouse
PCI
VGA
Parallel
Reset
Power LED
Hard Disk Drive LED
USB x 4
Power Switch
PCMCIA
CompactFlash™
Advanced Fanless Embedded Controller with ULV Celeron® Processor and PCI Expansion
AEC-6900


Similar Part No. - TF-AEC-6900-B1

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6905-A1-1010 AAEON-TF-AEC-6905-A1-1010 Datasheet
291Kb / 2P
   Fanless Design, Wide Power Input Range, PCI Slot x 1, PC/104 Socket x 2 (Stack)
TF-AEC-6905-A2-1010 AAEON-TF-AEC-6905-A2-1010 Datasheet
291Kb / 2P
   Fanless Design, Wide Power Input Range, PCI Slot x 1, PC/104 Socket x 2 (Stack)
More results

Similar Description - TF-AEC-6900-B1

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6830 AAEON-AEC-6830 Datasheet
277Kb / 2P
   Fanless Design With Intel짰 ULV Celeron짰 650 MHz Processor
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
logo
AAEON Technology
AEC-6850 AAEON-AEC-6850 Datasheet
296Kb / 2P
   Fanless Design With Intel짰 Celeron짰 M 1.0 GHz Processor
logo
BOSER Technology Co., L...
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
AAEON Technology
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
AEC-6910 AAEON-AEC-6910 Datasheet
275Kb / 2P
   Fanless Design, Intel짰 Pentium짰 M (Up To 2.0 GHz)/ Celeron짰 M Processor
logo
Advantech Co., Ltd.
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
   12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
PPC-3150S ADVANTECH-PPC-3150S Datasheet
389Kb / 2P
   15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
logo
AAEON Technology
AOP-8120HT.WT AAEON-AOP-8120HT.WT Datasheet
479Kb / 2P
   12.1??TFT LCD, Onboard Ultra Low Voltage Intel짰 Celeron짰 Processor at 650MHz
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com