Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC8101 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC8101
Description  6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC8101 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC8101 Datasheet HTML 1Page - Motorola, Inc MOC8101 Datasheet HTML 2Page - Motorola, Inc MOC8101 Datasheet HTML 3Page - Motorola, Inc MOC8101 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MOC8101 MOC8102 MOC8103 MOC8104 MOC8105
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Forward Voltage (IF = 10 mA)
VF
1.0
1.15
1.5
V
Reverse Leakage Current (VR = 5.0 V)
IR
0.05
10
µA
Capacitance
C
18
pF
OUTPUT TRANSISTOR
Collector–Emitter Dark Current
(VCE = 10 V, TA = 25°C)
ICEO1
1.0
50
nA
(VCE = 10 V, TA = 100°C)
ICEO2
1.0
µA
Collector–Emitter Breakdown Voltage (IC = 1.0 mA)
V(BR)CEO
30
45
V
Emitter–Collector Breakdown Voltage (IE = 100 µA)
V(BR)ECO
7.0
7.8
V
Collector–Emitter Capacitance (f = 1.0 MHz, VCE = 0)
CCE
7.0
pF
COUPLED
Output Collector Current
MOC8101
(IF = 10 mA, VCE = 10 V)
MOC8102
MOC8103
MOC8104
MOC8105
IC (CTR)(2)
5.0 (50)
7.3 (73)
10.8 (108)
16 (160)
6.5 (65)
6.5 (65)
9.0 (90)
14 (140)
20 (200)
10 (100)
8.0 (80)
11.7 (117)
17.3 (173)
25.6 (256)
13.3 (133)
mA (%)
Collector–Emitter Saturation Voltage (IC = 500 µA, IF = 5.0 mA)
VCE(sat)
0.15
0.4
V
Turn–On Time (IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)(3)
ton
7.5
20
µs
Turn–Off Time (IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)(3)
toff
5.7
20
µs
Rise Time (IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)(3)
tr
3.2
µs
Fall Time (IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)(3)
tf
4.7
µs
Isolation Voltage (f = 60 Hz, t = 1.0 sec.)(4)
VISO
7500
Vac(pk)
Isolation Resistance (VI–O = 500 V)(4)
RISO
1011
Isolation Capacitance (VI–O = 0, f = 1.0 MHz)(4)
CISO
0.2
pF
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figure 7.
4. For this test, Pins 1 and 2 are common, and Pins 4 and 5 are common.
TYPICAL CHARACTERISTICS
Figure 1. LED Forward Voltage versus Forward Current
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
1
0.1
0.01
0.5
1
IF, LED FORWARD CURRENT (mA)
2
5
10
20
50
IF, LED INPUT CURRENT (mA)
25
°C
100
°C
TA = –55°C
NORMALIZED TO:
IF = 10 mA
Figure 2. Output Current versus Input Current
PULSE ONLY
PULSE OR DC


Similar Part No. - MOC8101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
MOC8101 FAIRCHILD-MOC8101 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
logo
ISOCOM COMPONENTS
MOC8101 ISOCOM-MOC8101 Datasheet
82Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Fairchild Semiconductor
MOC8101 FAIRCHILD-MOC8101 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
More results

Similar Description - MOC8101

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
Motorola, Inc
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8111 MOTOROLA-MOC8111 Datasheet
276Kb / 6P
   6-Pin DIP Optoisolators Transistor Output(No Base Connection)
MOC8020 MOTOROLA-MOC8020 Datasheet
271Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
   6-Pin DIP Optoisolator Darlington Output(No Base Connection)
logo
Fairchild Semiconductor
CNY17F23S FAIRCHILD-CNY17F23S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com