Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH162244MTX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LCXH162244MTX
Description  Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH162244MTX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCXH162244MTX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500249
www.fairchildsemi.com
September 2000
Revised May 2005
74LCXH162244
Low Voltage 16-Bit Buffer/Line Driver with Bushold
and 26
: Series Resistors in Outputs
General Description
The LCXH162244 contains sixteen non-inverting buffers
with 3-STATE outputs designed to be employed as a mem-
ory and address driver, clock driver, or bus oriented trans-
mitter/receiver. The device is nibble controlled. Each nibble
has separate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
The LCXH162244 data inputs include active bushold cir-
cuitry, eliminating the need for external pull-up resistors to
hold unused or floating data inputs at a valid logic level.
In addition, the outputs include equivalent 26
: (nominal)
series resistors to reduce overshoot and undershoot and
are designed to sink/source up to 12 mA at VCC 3.0V.
The LCXH162244 is designed for low voltage (2.5V or
3.3V) VCC applications with capability of interfacing to a 5V
signal environment.
The LCXH162244 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Features
s 5V tolerant control inputs and outputs
s 2.3V–3.6V VCC specifications provided
s Outputs include equivalent series resistance of 26
: to
make external termination resistors unnecessary and
reduce overshoot and undershoot
s Bushold on data inputs eliminates the need for external
pull-up/pull-down resistors
s 5.3 ns tPD max (VCC 3.0V), 20 PA ICC max
s Power down high impedance inputs and outputs
s
r12 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
Ordering Code:
Order Number
Package Number
Package Description
74LCXH162244MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[RAIL]
74LCXH162244MEX
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TAPE and REEL]
74LCXH162244MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[RAIL]
74LCXH162244MTX
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]


Similar Part No. - 74LCXH162244MTX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCXH162244MTX ONSEMI-74LCXH162244MTX Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results

Similar Description - 74LCXH162244MTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com