Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH16245 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74LCXH16245
Description  Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH16245 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74LCXH16245 Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16245 Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16245 Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16245 Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16245 Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16245 Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16245 Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA54A


Similar Part No. - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCXH16245 STMICROELECTRONICS-74LCXH16245 Datasheet
261Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245G ONSEMI-74LCXH16245G Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH16245MTD FAIRCHILD-74LCXH16245MTD Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
More results

Similar Description - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245 FAIRCHILD-74LCXH245 Datasheet
197Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16543FT TOSHIBA-TC74VCXH16543FT Datasheet
225Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com