Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH162374MEX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 74LCXH162374MEX
Description  Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH162374MEX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCXH162374MEX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH162374MEX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH162374MEX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH162374MEX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH162374MEX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH162374MEX Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH162374MEX Datasheet HTML 9Page - Fairchild Semiconductor 74LCXH162374MEX Datasheet HTML 10Page - Fairchild Semiconductor 74LCXH162374MEX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
Package Number MS48A


Similar Part No. - 74LCXH162374MEX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74LCXH162373GX FAIRCHILD-74LCXH162373GX Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74LCXH162373MEA FAIRCHILD-74LCXH162373MEA Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74LCXH162373MEX FAIRCHILD-74LCXH162373MEX Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74LCXH162373MTD FAIRCHILD-74LCXH162373MTD Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
More results

Similar Description - 74LCXH162374MEX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com