Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGD-315RHT-A1-1010 Datasheet(PDF) 1 Page - AAEON Technology

Part # AGD-315RHT-A1-1010
Description  15??XGA (1024 x 768) TFT LCD Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AGD-315RHT-A1-1010 Datasheet(HTML) 1 Page - AAEON Technology

  AGD-315RHT-A1-1010 Datasheet HTML 1Page - AAEON Technology AGD-315RHT-A1-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
08-5
08
Features
Specifications
15” XGA (1024 x 768) TFT LCD Display
Supports Remote Display Technology
IP-65 Aluminum Die Cast Front Bezel
15” 250 Nits XGA CCFL Backlight
15” 800 Nits XGA LED Backlight
Supports On Screen Display (OSD) Function
15” XGA Rugged Touch Display With Remote Display Technology
System
Input Signal
VGA/ DVI
On Screen Display Control
Menu, Auto, LCD On/Off, Up, Down
I/O connector
AGD-315R-A2: USB x 3 (2 on front; 1 on rear), LAN x 2, Line-out x 1
AGD-315R-A1: LAN x 1, Line-out x 1
OS support
Windows® XP, Windows® 7, Linux Fedora
Mechanical
Construction
IP-65/ NEMA4 for aluminum die cast front bezel & steel chassis
Mounting
Panel/ VESA 75/100
Dimension
15.35" x 12.74" x 4.91" (390mm x 323.5mm x 124.7mm)
Carton Dimension
20" x 18.11” x 8.26" (510mm x 460mm x 210mm)
Gross Weight
13 lb (5.9 Kg)
Net Weight
9 lb (4.1 Kg)
Environmental
Operating Temperature
32°F ~122°F (0°C~50°C)
Storage Temperature
-22°F ~158°F (-30°C~70°C)
Storage Humidity
10%~95% @ 40°C; non-condensing
Vibration
1 g rms/ 5~500Hz/ Random operation
Shock
15 G peak acceleration (11 msec. Duration)
EMC
CE/FCC Class A
Power Supply
DC input
9~30V DC, w/3-pin terminal block
Over-voltage (31V DC)
Under-voltage (8V DC)
Reverse protection
Surge protection (1000V DC)
LCD
Display type
15" TFT-LCD
Max Resolution
1024 x 768
Max. Colors
16.7M colors
Luminance
HTT : 250 nits, STT : 800 nits
Viewing Angle
HTT :170°(H)/160°(V), STT :160°(H)/140°(V)
Back Light
HTT: CCFL, STT: LED
Back Light MTBF (hours)
HTT:30,000, STT: 60,000
Touchscreen
Type
5-wire resistive (AGD-315R-A2 only)
Light Transmission
80%
Lifetime (times)
35 million activations
AGD-315R
Note: Users have to select the ACG-203 to work with the AGD-315R.
USB x 2
Down
Up
Menu
Auto
LCD On/Off
Power in
VGA
RS-232 (For T/S)
Mini-USB x 1 (For T/S)
DVI-D


Similar Part No. - AGD-315RHT-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AGD-315D AAEON-AGD-315D Datasheet
294Kb / 2P
   15" XGA Rugged Touch Display
AGD-315D-V2A-1010 AAEON-AGD-315D-V2A-1010 Datasheet
395Kb / 2P
   IP65 Aluminum Die Cast Front Bezel
AGD-315D-V2B-1010 AAEON-AGD-315D-V2B-1010 Datasheet
395Kb / 2P
   IP65 Aluminum Die Cast Front Bezel
AGD-315DHTT-A1-1010 AAEON-AGD-315DHTT-A1-1010 Datasheet
294Kb / 2P
   15" XGA Rugged Touch Display
AGD-315DHTT-A2-1010 AAEON-AGD-315DHTT-A2-1010 Datasheet
294Kb / 2P
   15" XGA Rugged Touch Display
More results

Similar Description - AGD-315RHT-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
APC-8152 AAEON-APC-8152 Datasheet
269Kb / 2P
   15??TFT XGA (1024 x 768) LCD
AOP-8150WT AAEON-AOP-8150WT Datasheet
340Kb / 2P
   15" TFT XGA (1024 x 768) LCD
logo
Axiomtek Co., Ltd.
GOT3156T-832 AXIOMTEK-GOT3156T-832_17 Datasheet
420Kb / 2P
   15 XGA (1024 x 768) color TFT LCD display
logo
AAEON Technology
AOP-8150HT AAEON-AOP-8150HT Datasheet
558Kb / 2P
   15??TFT XGA (1024 x 768) LCD
AWK-3501 AAEON-AWK-3501 Datasheet
704Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
AGD-312R AAEON-AGD-312R Datasheet
321Kb / 2P
   12.1??XGA (1024 x 768 ) TFT LCD Display
AWK-4501 AAEON-AWK-4501 Datasheet
689Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
Axiomtek Co., Ltd.
GOT5152T-832 AXIOMTEK-GOT5152T-832_17 Datasheet
693Kb / 2P
   15 XGA TFT LCD display with LED backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com