Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISM65-3159CH-156.250 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ISM65-3159CH-156.250
Description  9 mm x 14 mm FR-4 Package SMD Oscillator, LVPECL / LVDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ISM65-3159CH-156.250 Datasheet(HTML) 1 Page - ILSI America LLC

  ISM65-3159CH-156.250 Datasheet HTML 1Page - ILSI America LLC ISM65-3159CH-156.250 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9 mm x 14 mm FR-4 Package SMD Oscillator, LVPECL / LVDS
ISM65 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
10/10_A
Specifications subject to change without notice
Page 1
1
2
3
4
5
6
6
5
4
3
2
1
14.3
Max.
10.2 Max.
6.0 Max.
1.7
1.7
5.08
2.54
Dimension Units: mm
Bottom
View
Pin
Connection
Pin
Connection
1
N.C.
4
Output
2
Enable
5
Comp. Output
3
GND
6
Vcc
1.7
2.4
2.54
10.0
5.08
Product Features:
Applications:
Low Noise
Test Equipment
Surface Mount Package
Server & Storage
Reflow Compatible
Sonet /SDH
Compatible with Leadfree Processing
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 6) and GND (pin 3) to minimize power supply noise.
*Frequency related, for additonal information contact your sales representative. ** Not available for all temperature ranges. *** Frequency, supply, and
load related parameters.
Frequency
1 MHz to 180.000 MHz
Output Level
LVDS
LVPECL
Vod = 393 mV Typ., 475 mV Max.
‘0’ = Vcc - 1.63 V Max.
‘1’ = Vcc - 1.02 V Min.
Duty Cycle
Specify 50% ±10% or ±5% See Table in Part Number Guide
Rise / Fall Time
0.6 nS Max.
Output Load
LVDS
LVPECL
100
Ω Differential
50
Ω to Vcc - 2.0 VDC
Frequency Stability
See Frequency Stability Table in Part Numbering Guide (Includes room
temperature tolerance and stability over operating temperature)
Start-up Time
10 mS Max.
Enable / Disable
Time
100 nS Max.
Supply Voltage
See Input Voltage Table, tolerance ±5 %
Current
LVDS = 90 mA Max.,***
LVPECL = 130 mA Max.***
Jitter
0.6 pS RMS (12 kHz to 20 MHz) *
Operating
See Operating Temperature Table in Part Number Guide
Storage
-55° C to +125° C
Part Number Guide
Sample Part Number:
ISM65 - 3159BH - 156.250
Package
Input
Voltage
Operating
Temperature
Symmetry
(Duty Cycle)
Output
Stability
(in ppm)
Enable /
Disable
Frequency
ISM65 -
3 = 3.3 V
1 = 0
° C to +70° C
5 = 45 / 55 Max.
8 = LVDS
**A =
±25
H = Enable
- 156.250 MHz
7 = 3.0 V
6 = -10
° C to +70° C
6 = 40 / 60 Max.
9 = LVPECL
B =
±50
2 = 2.7 V
3 = -20
° C to +70° C
C =
±100
6 = 2.5 V
4 = -30
° C to +75° C
2 = -40
° C to +85° C


Similar Part No. - ISM65-3159CH-156.250

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM61 ILSI-ISM61 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM61-1151AH-20.000 ILSI-ISM61-1151AH-20.000 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM61-1151AO-20.000 ILSI-ISM61-1151AO-20.000 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM61-1151BH-20.000 ILSI-ISM61-1151BH-20.000 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM61-1151BO-20.000 ILSI-ISM61-1151BO-20.000 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
More results

Similar Description - ISM65-3159CH-156.250

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I606 ILSI-I606 Datasheet
50Kb / 2P
   10 mm x 14 mm, FR-4 SMD VCXO, LVPECL / LVDS
ISM68 ILSI-ISM68 Datasheet
69Kb / 2P
   9mm x 14 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM99 ILSI-ISM99 Datasheet
51Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM98 ILSI-ISM98 Datasheet
54Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM67 ILSI-ISM67 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator, LVMOS / LVPECL / LVDS
ISM63 ILSI-ISM63 Datasheet
112Kb / 3P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM64 ILSI-ISM64 Datasheet
55Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM61 ILSI-ISM61 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM88 ILSI-ISM88 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
logo
TAITIEN ELECTRONICS CO....
XO-0141-OA-TYPE TAITIEN-XO-0141-OA-TYPE Datasheet
432Kb / 1P
   3.2 x 2.5 mm SMD LVPECL/LVDS Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com