Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISM99-6359CH-180.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ISM99-6359CH-180.000
Description  5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ISM99-6359CH-180.000 Datasheet(HTML) 1 Page - ILSI America LLC

  ISM99-6359CH-180.000 Datasheet HTML 1Page - ILSI America LLC ISM99-6359CH-180.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM99 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
8/28/12_D
Specifications subject to change without notice
Page 1
Pin
Connection
1
Enable
2
N.C.
3
GND
4
Output
5
Comp. Output
6
Vc
c
Recommended Pad Layout
Dimension Units: mm
Product Features:
Applications:
Surface Mount Package
Test Equipment
Reflow Compatible
Server & Storage
Compatible with Leadfree Processing
Sonet /SDH
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 6) and GND (pin 3) to minimize power supply noise.
** Not available for all temperature ranges. *** Frequency, supply, and load related parameters.
Frequency
180 MHz to 622.08 MHz
Output Level
LVDS
LVPECL
Vod = 393 mV Typ., 475 mV Max.
‘0’ = Vcc - 1.63 V Max.
‘1’ = Vcc - 1.02 V Min.
Duty Cycle
Specify 50% ±10% or ±5% See Table in Part Number Guide
Rise / Fall Time
0.6 nS Max.
Output Load
LVDS
LVPECL
100
 Differential
50
 to Vcc - 2.0 VDC
Frequency Stability
See Frequency Stability Table in Part Number Guide (Includes room
temperature tolerance and stability over operating temperature)
Start-up Time
10 mS Max.
Enable / Disable
Time
100 nS Max.
Supply Voltage
See Input Voltage Table, tolerance ±5 %
Current
LVDS = 90 mA Max. ***
LVPECL = 130 mA Max. ***
RMS Phase Jitter
0.5 Typical, 1 ps Max. (12 kHz to 20 MHz)
Operating
See Operating Temperature Table in Part Number Guide
Storage
-55C to +125C
Part Number Guide
Sample Part Number:
ISM99 - 3159BH - 180.000
Package
Input
Voltage
Operating
Temperature
Symmetry
(Duty Cycle)
Output
Stability
(in ppm)
Enable /
Disable
Frequency
ISM99 -
3 = 3.3 V
1 = 0
 C to +70 C
5 = 45 / 55 Max.
8 = LVDS
**A =
25
H = Enable
- 180.000 MHz
7 = 3.0 V
6 = -10
 C to +70 C
6 = 40 / 60 Max.
9 = LVPECL
B =
50
2 = 2.7 V
3 = -20
 C to +70 C
C =
100
6 = 2.5 V
4 = -30
 C to +75 C
2 = -40
 C to +85 C


Similar Part No. - ISM99-6359CH-180.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151AH-20.000 ILSI-ISM91-1151AH-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151AO-20.000 ILSI-ISM91-1151AO-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151BH-20.000 ILSI-ISM91-1151BH-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151BO-20.000 ILSI-ISM91-1151BO-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
More results

Similar Description - ISM99-6359CH-180.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM98 ILSI-ISM98 Datasheet
54Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM63 ILSI-ISM63 Datasheet
112Kb / 3P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
I607 ILSI-I607 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I617 ILSI-I617 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I630 ILSI-I630 Datasheet
53Kb / 3P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
ISM73 ILSI-ISM73 Datasheet
113Kb / 3P
   5 mm x 7 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM68 ILSI-ISM68 Datasheet
69Kb / 2P
   9mm x 14 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM67 ILSI-ISM67 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator, LVMOS / LVPECL / LVDS
ISM64 ILSI-ISM64 Datasheet
55Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
I631 ILSI-I631 Datasheet
53Kb / 3P
   5 mm x 7 mm Ceramic Low Noise SMD VCXO, LVCMOS / LVPECL / LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com