Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1757902500 Datasheet(PDF) 2 Page - AAEON Technology

Part # 1757902500
Description  Fanless Design (Celeron짰 M 600 MHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1757902500 Datasheet(HTML) 2 Page - AAEON Technology

  1757902500 Datasheet HTML 1Page - AAEON Technology 1757902500 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-14
Dimension
Unit: mm
AOP-8060XT
Ordering Information
TF-AOP-8060XT-P1-1110
Intel® Celeron® M 1.3 GHz Operator Panel with 6.4” LCD, 256 RAM, Touch Screen and Windows® XP
Embedded (Eng) on 512 MB CompactFlash™
TF-AOP-8060XT-P2-1110
Intel® Celeron® M 600 MHz Fanless Operator Panel with 6.4” LCD, 256 RAM, Touch Screen and
Windows® XP Embedded(Eng) on 512 MB CompactFlash™
Optional Accessories
ARM-WK075-0
Wallmount Kit with VESA75/100mm Standards
ARM-DR075-0
DIN Rail Kit with VESA 75/100mm Standards
1702031802
Power Cord (Us Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
1757902500
25W AC Input Adapter (DC 5V output)
1702021201
DC Power Cable w/ lockable Connector
Touchscreen
Type
4-wire, Analog Resistive
Resolution
2048 x 2048
Light Transmission
> 79%
Lifetime
1 million activations
197.95
47.70
4.00
189.75
AOP-8060XT
Cutout Size: 191 mm x 145 mm
51.70
Dimension: 197.95 mm x 151.95 mm x 51.7 mm
Line Out
USB 0/1
LAN
COM
KB/MS
VGA
DC 5V


Similar Part No. - 1757902500

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1757904003 AAEON-1757904003 Datasheet
131Kb / 1P
   DC Adapter Kit For AEC-6811/6821/6831/6841
1757908403 AAEON-1757908403 Datasheet
484Kb / 2P
   Three Independent Display: VGA x 1, HDMI x 1, LVDS/eDP x 1
1757908403 AAEON-1757908403 Datasheet
430Kb / 2P
   DDR3L 1333/1600 MHz SODIMM x 2, Up to 8 GB
More results

Similar Description - 1757902500

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6830 AAEON-AEC-6830 Datasheet
277Kb / 2P
   Fanless Design With Intel짰 ULV Celeron짰 650 MHz Processor
AEC-6850 AAEON-AEC-6850 Datasheet
296Kb / 2P
   Fanless Design With Intel짰 Celeron짰 M 1.0 GHz Processor
AEC-6910 AAEON-AEC-6910 Datasheet
275Kb / 2P
   Fanless Design, Intel짰 Pentium짰 M (Up To 2.0 GHz)/ Celeron짰 M Processor
AEC-6900 AAEON-AEC-6900 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
PFM-800P AAEON-PFM-800P Datasheet
210Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1 GHz
PCM-8152 AAEON-PCM-8152 Datasheet
199Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz And 1 GHz
PCM-8150 AAEON-PCM-8150 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
GENE-8310 AAEON-GENE-8310 Datasheet
263Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 1.5 GHz/ 1.3 GHz Or Intel짰 Celeron짰 M 600 MHz & 1 GHz Processors
logo
Axiomtek Co., Ltd.
RBOX610 AXIOMTEK-RBOX610_16 Datasheet
364Kb / 2P
   Fanless design
logo
AAEON Technology
GENE-8315 AAEON-GENE-8315 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1.0 GHz or Intel짰 Celeron짰 M 1.3 GHz (Optional)/ 1.5 GHz Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com