Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOP-8150HT Datasheet(PDF) 1 Page - AAEON Technology

Part # AOP-8150HT
Description  15??TFT XGA (1024 x 768) LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AOP-8150HT Datasheet(HTML) 1 Page - AAEON Technology

  AOP-8150HT Datasheet HTML 1Page - AAEON Technology AOP-8150HT Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PS/2 Keyboard & Mouse
Power On/ Off
S/P DIF
COM 1
Line-out/Line-in/Mic-in
USB2.0 x 4
10/100 or
10/100/1000Base-TX
Ethernet Connector
(Optional)
IP-65 Certified Front
Panel with TouchScreen
Parallel
CRT D-sub
Digital I/O
10/100 Base-TX Ethernet Connector
Power Connector
CD-ROM Drive Bay
COM 6
COM 3
COM 2
COM 5
Features
Specifications
Note: All specifications are subject to change without notice.
02-3
02
15” TFT XGA (1024 x 768) LCD
Onboard Ultra Low Voltage Intel® Celeron® at 650MHz
Processor
Anti-vibration Disk Drive Bay for Hard Disk Drive
COM x 5, USB2.0 x 4, Ethernet x 2 (10/100Base-TX or
Optional Gigabit Ethernet)
TouchScreen, Mini PCI and 6-in-1 Card Reader
Windows® XP Embedded Support (Optional)
Up to 8 in or 8 out Digital I/O
Slim and Fanless Solution
Dual Independent Display (Under Windows® XP)
15” Ultra Low Voltage Intel® Celeron® Processor-based Fanless Operator Panel PC
System
Processor
Onboard Ultra Low Voltage Intel® Celeron® processor at 650MHz
Memory (Optional)
Onboard 256MB, supports up to 1GB 184-pin DDR SDRAM
LCD/CRT Controller
VIA CLE266, shared up to 32MB
Ethernet
Realtek 8100BL 10/100Base-TX RJ-45 x 1
Realtek 8100C 10/100Base-TX RJ-45 x 1 or
8110S 10/100/1000Base-TX RJ-45 x 1 (optional)
I/O Port
5 serial: RS-232 x 4, RS-232/422/485 x 1
(COM 4 is reserved for TouchScreen)
parallel x 1 (supports ECP/EPP)
PS/2 mouse x 1
PS/2 keyboard x 1
VGA x 1
MIC-in, Line-in, Line-out, S/P DIF-out
USB2.0 x 4
Digital I/O x 1(Supports up to 8 in or 8 out)
Storage Disk Drive
Anti-vibration 2.5” Hard Disk Drive (optional)
Slim CD-ROM/Combo/DVD-ROM (optional)
6-in-1 card reader
Expansion Slot
Mini PCI Slot x 1, PCI (optional) x 1
OS Support
Windows® 2000, Windows® XP, Windows® XP Embedded (optional)
Mechanical
Construction
Plastic chassis
IP-65 certified front panel
Front Panel Color
PMS 2965C (Dark Blue)
Mounting
Panelmount, VESA 100mm holes
Dimension
16”(W) x 12.2”(H) x 2.6”(D) (407mm x 310.5mm x 65 mm)
Carton Dimension
20.67”(W) x 18.31”(H) x 9.1”(D) (525mm x 465mm x 230 mm)
Gross Weight
13.2 lb (6 kg)
Net Weight
11 lb (5 kg)
Environmental
Operating Temperature
32ºF ~ 104ºF ( 0ºC to 40ºC)
Storage Temperature
-4ºF ~ 140ºF (-20ºC to 60ºC)
Storage Humidity
10% to 90%@ 35ºC, non-condensing
Vibration
Random operation 1G, 5~500Hz
Shock
15G peak acceleration (11 msec. Duration)
EMC
CE/ FCC Class A
Power Supply
AC input 75W
Input: 85V AC ~ 264V AC @ 47~63Hz
LCD
Display Type
15” TFT LCD
Max. Resolution
1024 x 768
Max. Colors
262K
Dot Size
0.297 x 0.297
Luminance (Typical)
250 cd/m2
Viewing Angle
150º (H) / 140º (V)
Back Light MTBF (Hours)
30,000
Card Reader
VESA Mounting Holes
Supports Wireless LAN (Optional)
PCI Expansion Slot Cover
Anti-vibration Hard Disk Drive Bay
AOP-8150HT


Similar Part No. - AOP-8150HT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AOP-8150WT AAEON-AOP-8150WT Datasheet
340Kb / 2P
   15" TFT XGA (1024 x 768) LCD
More results

Similar Description - AOP-8150HT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
APC-8152 AAEON-APC-8152 Datasheet
269Kb / 2P
   15??TFT XGA (1024 x 768) LCD
AOP-8150WT AAEON-AOP-8150WT Datasheet
340Kb / 2P
   15" TFT XGA (1024 x 768) LCD
AWK-3501 AAEON-AWK-3501 Datasheet
704Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
AGD-315R AAEON-AGD-315R Datasheet
294Kb / 2P
   15??XGA (1024 x 768) TFT LCD Display
AWK-4501 AAEON-AWK-4501 Datasheet
689Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
logo
Axiomtek Co., Ltd.
GOT3156T-832 AXIOMTEK-GOT3156T-832_17 Datasheet
420Kb / 2P
   15 XGA (1024 x 768) color TFT LCD display
logo
AAEON Technology
AGD-312R AAEON-AGD-312R Datasheet
321Kb / 2P
   12.1??XGA (1024 x 768 ) TFT LCD Display
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
Axiomtek Co., Ltd.
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com