Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I641-32BC8H2-155.520 Datasheet(PDF) 3 Page - ILSI America LLC

Part # I641-32BC8H2-155.520
Description  3.2 mm x 5.0 mm Ceramic Low Noise SMD VCXO, LVCMOS / LVPECL / LVDS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I641-32BC8H2-155.520 Datasheet(HTML) 3 Page - ILSI America LLC

  I641-32BC8H2-155.520 Datasheet HTML 1Page - ILSI America LLC I641-32BC8H2-155.520 Datasheet HTML 2Page - ILSI America LLC I641-32BC8H2-155.520 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3.2 mm x 5.0 mm Ceramic Low Noise SMD VCXO,
LVCMOS / LVPECL / LVDS
I641 - Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
10/17/12_B
Specifications subject to change without notice
Page 3
Tape and Reel Information:
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1: ILSI and Date Code (YWW)
Line 2: Frequency
Quantity per
Reel
1000
A
16 +/-.3
B
8 +/-.2
C
7.5 +/-.2
D
17.5 +/-1
E
50 / 60 / 80
F
180 / 250


Similar Part No. - I641-32BC8H2-155.520

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I640 ILSI-I640 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I640-31AB3H1-155.520 ILSI-I640-31AB3H1-155.520 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I640-31AB3H2-155.520 ILSI-I640-31AB3H2-155.520 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I640-31AB3O1-155.520 ILSI-I640-31AB3O1-155.520 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I640-31AB3O2-155.520 ILSI-I640-31AB3O2-155.520 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
More results

Similar Description - I641-32BC8H2-155.520

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I640 ILSI-I640 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I643 ILSI-I643 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Low Noise SMD VCXO LVCMOS/LVPECL/LVDS
ISM74 ILSI-ISM74 Datasheet
55Kb / 3P
   3.2 mm x 5.0 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
I642 ILSI-I642 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD VCXO LVCMOS / LVPECL / LVDS
ISM64 ILSI-ISM64 Datasheet
55Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM75 ILSI-ISM75 Datasheet
123Kb / 3P
   3.2 mm x 2.5 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
I631 ILSI-I631 Datasheet
53Kb / 3P
   5 mm x 7 mm Ceramic Low Noise SMD VCXO, LVCMOS / LVPECL / LVDS
I630 ILSI-I630 Datasheet
53Kb / 3P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
ISM73 ILSI-ISM73 Datasheet
113Kb / 3P
   5 mm x 7 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
logo
TAITIEN ELECTRONICS CO....
XO-0089-OW-LVPECL TAITIEN-XO-0089-OW-LVPECL Datasheet
386Kb / 1P
   5.0 x 3.2 mm SMD LVPECL/LVDS Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com