Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARC-615M Datasheet(PDF) 1 Page - AAEON Technology

Part # ARC-615M
Description  1U Rackmount Chassis, Industrial ATX/ uATX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

ARC-615M Datasheet(HTML) 1 Page - AAEON Technology

  ARC-615M Datasheet HTML 1Page - AAEON Technology ARC-615M Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.25” Slim CD-ROM Drive Bay x 1
3.5” Removable Disk Drive Bays x 2
Features
Specifications
Note: All specifications are subject to change without notice.
04-23
04
1U Rackmount Chassis
Industrial ATX/ uATX Motherboard
Standard 1U Power Supply Up to 300W
Front Panel 3.5” Disk Drive Bay for Removable Drive x 2
Front Panel 5.25” Disk Drive Bay for Slim CD-ROM x 1
USB Port x 1 On Front Panel
1U 1-slot Rackmount Chassis, Industrial Motherboard Support
System
Construction
Heavy-duty preplated SPGC cold-rolled steel chassis
Storage
Internal:
N/A
External:
5.25" Slim CD-ROM Drive x 1
3.5” removable Hard Disk Drive x 2
System Fan
40x28mm (13K RPM) Fan on rear side x 2
40x28mm easy-swap Fan for Motherboard x 5
Front I/O Panel
Power ON/OFF Switch x 1
Reset Button x 1
Power LED x 1
HDD Active LED x 1
LAN LED X 2
USB Connector x 1
Color
Black
Dimensions
19”(W) x 21.02”(D) x 1.7”(H) (483mm x 534mm x 44mm)
Carton Size
20.5”(W) x 27.2”(D) x 5.9”(H) (520mm x 690mm x 160mm)
Net Weight
22 lb (10 kg)
Gross Weight
26.4 (12 kg)
Environmental
Operating Temperature
32 ~ 104ºF (0 ~ 40ºC)
Storage Temperature
-4 ~ 176ºF (-20 ~ 80ºC)
Operating Humidity
10 ~ 90%
Storage Humidity
10 ~ 90% @ 40ºC, non-condensing
Vibration
0.5G / 5 ~ 500Hz / operation (3.5” Hard Disk Drive)
1.5G / 5 ~ 500Hz / non operation
Shock
10G peak acceleration (11 m sec. duration), operation
20G peak acceleration (11 m sec. duration), non operation
EMC
CE/ FCC Class A
ARC-615M
Note: The noise level of system fans is 58dB.


Similar Part No. - ARC-615M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARC-615H AAEON-ARC-615H Datasheet
496Kb / 2P
   1U Rackmount Chassis, 4-slot PICMG PCI Bus Passive Backplanes
More results

Similar Description - ARC-615M

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
   1U Rackmount Chassis for ATX Motherboard
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
   1U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-2020G ADVANTECH-ACP-2020G Datasheet
1Mb / 2P
   2U Rackmount Chassis for ATX and uATX Motherboard
10-Nov-2021
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM_16 Datasheet
347Kb / 2P
   1U Cost-effective Rackmount Chassis for ATX Motherboard
logo
Adlink Technology Inc.
RK-630 ADLINK-RK-630 Datasheet
420Kb / 2P
   4U rackmount industrial chassis supporting ATX motherboard
logo
Advantech Co., Ltd.
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
   1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
   4U Rackmount Chassis for ATX Motherboard
logo
Axiomtek Co., Ltd.
AX61221TM AXIOMTEK-AX61221TM_17 Datasheet
286Kb / 2P
   2U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_16 Datasheet
287Kb / 2P
   2U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
IPC-7132 ADVANTECH-IPC-7132_V01 Datasheet
836Kb / 2P
   Cost-effective Wallmount Chassis for ATX/uATX Motherboard
2-Apr-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com