Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-3530ARH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-3530ARH
Description  Radiation Hardened Programmable Low Power Op Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-3530ARH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-3530ARH Datasheet HTML 1Page - Intersil Corporation HS-3530ARH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Radiation Hardened Programmable Low Power Op
Amps
HS-3530ARH, HS-3530AEH
The HS-3530ARH, HS-3530AEH are Low Power Operational
Amplifiers, which are internally compensated monolithic
devices offering a wide range of performance specifications.
Parameters such as power dissipation, slew rate, bandwidth,
noise and input DC parameters are programmed by selecting
an external resistor or current source. Supply voltages as low
as ±3V may be used with little degradation of AC performance.
The HS-3530ARH, HS-3530AEH have been specifically
designed to meet exposure to space radiation environments.
Operation from -55°C to +125°C is guaranteed.
A major advantage of the HS-3530ARH, HS-3530AEH is that
operating characteristics remain virtually constant over a wide
supply range (
±3V to ±15V), allowing the amplifiers to offer
maximum performance in almost any system, including
battery operated equipment. A primary application for these
devices is in active filtering and conditioning for a wide variety
of signals that differ in frequency and amplitude. Also, by
modulating the set current, they can be used for designs such
as current controlled oscillators/modulators, sample and hold
circuits and variable active filters.
Specifications
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HS-3530ARH,
HS-3530AEH are contained in SMD 5962-95687. A “hot-link”
to the DLA website is also provided on the Product Information
page for downloading the document.
www.intersil.com/products/deviceinfo.asp?pn=HS-3530ARH
The Intersil Quality Management Plan, listing all screening
operations, is available on our website.
www.intersil.com/design/quality/manuals.asp
Features
• Radiation Performance
- Gamma Dose . . . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEL. . . . . . . . . . . . . . . . . . . . . . . . Immune (RSG DI Process)
- Low dose rate . . . . . . . . . . . . . . . . . . . . . . . . . . 100krad(Si)*
*Product capability established by initial characterization. The EH
version is acceptance tested on a wafer by wafer basis to
50krad(Si) at low dose rate.
• Wide Range AC Programming
- Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . 0.025 to 0.1V/µs
- Gain X Bandwidth . . . . . . . . . . . . . . . . . . 30kHz to 750kHz
• Wide Range DC Programming
- Power Supply Range . . . . . . . . . . . . . . . . . . .
±3.0V to ±15V
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 15µA to 150µA
• Output Current . . . . . . . . . . . . . . . . . . . . . . . 0.25mA to 2.5mA
• Quiescent Power . . . . . . . . . . . . . . . . . . . . . . . . . 4.8mW (Max)
• Dielectrically Isolated Device Islands
• Short Circuit Protection
• Full -55°C to +125°C Military Temperature Range
Pin Configurations
HS2-3530ARH (CAN), MACY1-X8
TOP VIEW
HS9-3530ARH, HS9-3530AEH(FLATPACK), CDFP3-F10
TOP VIEW
Ordering Information
ORDERING
NUMBER
PART
NUMBER
TEMP.
RANGE (°C)
5962F9568701QGA
HS2-3530ARH-8
-55 to +125
5962F9568701VGA
HS2-3530ARH-Q
-55 to +125
5962F9568702VGA
HS2-3530AEH-Q
-55 to +125
5962F9568701VXC
HS9-3530ARH-Q
-55 to +125
5962F9568702VXC
HS9-3530AEH-Q
-55 to +125
5962F9568701V9A
HS0-3530ARH-Q
-55 to +125
5962F9568702V9A
HS0-3530AEH-Q
-55 to +125
HS2-3530ARH/PROTO HS2-3530ARH/Proto
-55 to +125
HS9-3530ARH/PROTO HS9-3530ARH/Proto
-55 to +125
ISET
OUTPUT
INVERTING
V-
OFFSET
NON-INVERTING
V+
OFFSET
2
4
6
1
3
7
5
8
NULL
INPUT
INPUT
NULL
10
9
8
7
6
2
3
4
5
1
NC
OFFSET
- IN
+ IN
V -
ISET
V +
OUTPUT
OFFSET
NC
December 12, 2012
FN4653.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 1999, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HS-3530ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
More results

Similar Description - HS-3530ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
   Low Power, Radiation Hardened Programmable Operational Amplifier
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
List of Unclassifed Man...
UA776 ETC1-UA776 Datasheet
513Kb / 10P
   PROGRAMMABLE SINGLE OP-AMPs
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
165Kb / 23P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com