Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL9006M Datasheet(PDF) 4 Page - Intersil Corporation

Part # ZL9006M
Description  Digital DC/DC PMBus 6A Power Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9006M Datasheet(HTML) 4 Page - Intersil Corporation

  ZL9006M Datasheet HTML 1Page - Intersil Corporation ZL9006M Datasheet HTML 2Page - Intersil Corporation ZL9006M Datasheet HTML 3Page - Intersil Corporation ZL9006M Datasheet HTML 4Page - Intersil Corporation ZL9006M Datasheet HTML 5Page - Intersil Corporation ZL9006M Datasheet HTML 6Page - Intersil Corporation ZL9006M Datasheet HTML 7Page - Intersil Corporation ZL9006M Datasheet HTML 8Page - Intersil Corporation ZL9006M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ZL9006M
4
FN7959.0
March 5, 2013
L1, L2
V1
I
Output voltage selection pin. Used to program the output voltage through pin-strap setting or connecting a resistor from the
V1 pin to SGND (see Table 4 on page 15). The set voltage on this pin is the maximum allowed output voltage in I2C/PMbus
programming.
L3
SS
I
Soft-start pin. Set SS pin by pin-strapping or connecting a resistor to SGND using the appropriate resistor. The pin can program
the delay from when EN is asserted until the output voltage starts to ramp, the output voltage ramp time during turn
on/off, and input undervoltage lockout (UVLO) level (see Table 6 on page 17). This pin can also set tracking ratio and
upper track limit (see Table 10 on page 21).
L4
VTRK
I
Tracking sense input. Used to track an external voltage source.
L6
FB+
I
Output voltage positive feedback. Positive inputs of differential remote sense for the regulator. Connect to the output
rail or the regulation point of load/processor.
L7
FB-
I
Output voltage negative feedback. Negative input of the differential remote sense for the regulator. Connect to the
negative rail or ground of the load/processor.
L8
ISENB
I
Test pin. For factory test use. Solder down the pin for mechanical strength, but do not connect the pin.
PAD1
VIN
PWR Power inputs. Input voltage range: 4.5V to 13.2V. Tie directly to the input rail. When the input is between 4.5V to 5.5V,
VIN should be tied directly to VCC.
PAD2
PGND
PWR Power ground. Power ground pins for both input and output returns.
PAD3
SGND
PWR Signal ground. Connect to low impedance ground plane (see Figure 26 on page 25).
PAD4
SW
PWR Switch node. Use for monitoring switching frequency. SW pad should be floating or used for snubber connections. To
achieve better thermal performance, the SW planes can also be used for heat removal with thermal vias connected to
large inner layers (see Figure 26 on page 25).
PAD5
VOUT
PWR Power Output. Apply output load between these pins and PGND pins. Output voltage range: 0.6V to 3.6V.
Pin Descriptions (Continued)
PIN
LABEL
TYPE
DESCRIPTION


Similar Part No. - ZL9006M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
   Digital DC/DC PMBus 6A Power Module
logo
Intersil Corporation
ZL9006M INTERSIL-ZL9006M Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
ZL9006MAIRZ INTERSIL-ZL9006MAIRZ Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
logo
Renesas Technology Corp
ZL9006MAIRZ RENESAS-ZL9006MAIRZ Datasheet
2Mb / 69P
   Digital DC/DC PMBus 6A Power Module
logo
Intersil Corporation
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
More results

Similar Description - ZL9006M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
   Digital DC/DC PMBus 6A Power Module
logo
Intersil Corporation
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 72P
   Digital DC/DC PMBus 10A Power Module
January 22, 2015
logo
Renesas Technology Corp
ZL9010M RENESAS-ZL9010M Datasheet
2Mb / 72P
   Digital DC/DC PMBus 10A Power Module
ISL8272M RENESAS-ISL8272M Datasheet
2Mb / 59P
   50A Digital DC/DC PMBus Power Module
logo
Intersil Corporation
ISL8272MAIRZ INTERSIL-ISL8272MAIRZ Datasheet
1Mb / 55P
   50A Digital DC/DC PMBus Power Module
January 14, 2015
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com