Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL9006M Datasheet(PDF) 9 Page - Intersil Corporation

Part # ZL9006M
Description  Digital DC/DC PMBus 6A Power Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9006M Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ZL9006M Datasheet HTML 5Page - Intersil Corporation ZL9006M Datasheet HTML 6Page - Intersil Corporation ZL9006M Datasheet HTML 7Page - Intersil Corporation ZL9006M Datasheet HTML 8Page - Intersil Corporation ZL9006M Datasheet HTML 9Page - Intersil Corporation ZL9006M Datasheet HTML 10Page - Intersil Corporation ZL9006M Datasheet HTML 11Page - Intersil Corporation ZL9006M Datasheet HTML 12Page - Intersil Corporation ZL9006M Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ZL9006M
9
FN7959.0
March 5, 2013
Typical Performance Curves Operating conditions: T
A = +25°C, No air flow, COUT = 3 x 100µF + 1 x 330µF. Typical
values are used unless otherwise noted.
FIGURE 3. ZL9006M EFFICIENCY, VIN = 5V
FIGURE 4. ZL9006M EFFICIENCY, VIN = 12V
FIGURE 5. VOUT = 1.2V TRANSIENT RESPONSE
FIGURE 6. VOUT = 1.8V TRANSIENT RESPONSE
FIGURE 7. VOUT = 2.5V TRANSIENT RESPONSE
FIGURE 8. VOUT = 3.3V TRANSIENT RESPONSE
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
IOUT (A)
0.6V 400kHz
1.0V 400kHz
1.2V 400kHz
1.8V 615kHz
2.5V 615kHz
3.3V 471kHz
40
45
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
IOUT (A)
0.6V 400kHz
1.0V 400kHz
1.2V 400kHz
1.8V 615kHz
2.5V 800kHz
3.3V 800kHz
VIN = 12V
VOUT = 1.2V
IOUT STEP = 1.2A TO 6A
SLEW 1.6A/µs
fSW = 615kHz
100mV/DIV
2A/DIV
200µs/DIV
VIN = 12V
VOUT = 1.8V
IOUT STEP = 1.2A TO 6A
SLEW 1.6A/µs
fSW = 615kHz
100mV/DIV
2A/DIV
200µs/DIV
VIN = 12V
VOUT = 2.5V
IOUT STEP = 1.2A TO 6A
SLEW 1.6A/µs
fSW = 615kHz
100mV/DIV
2A/DIV
200µs/DIV
VIN = 12V
VOUT = 3.3V
IOUT STEP = 1.2A TO 6A
SLEW 1.6A/µs
fSW = 800kHz
100mV/DIV
2A/DIV
200µs/DIV


Similar Part No. - ZL9006M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
   Digital DC/DC PMBus 6A Power Module
logo
Intersil Corporation
ZL9006M INTERSIL-ZL9006M Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
ZL9006MAIRZ INTERSIL-ZL9006MAIRZ Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
logo
Renesas Technology Corp
ZL9006MAIRZ RENESAS-ZL9006MAIRZ Datasheet
2Mb / 69P
   Digital DC/DC PMBus 6A Power Module
logo
Intersil Corporation
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
More results

Similar Description - ZL9006M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
   Digital DC/DC PMBus 6A Power Module
logo
Intersil Corporation
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 72P
   Digital DC/DC PMBus 10A Power Module
January 22, 2015
logo
Renesas Technology Corp
ZL9010M RENESAS-ZL9010M Datasheet
2Mb / 72P
   Digital DC/DC PMBus 10A Power Module
ISL8272M RENESAS-ISL8272M Datasheet
2Mb / 59P
   50A Digital DC/DC PMBus Power Module
logo
Intersil Corporation
ISL8272MAIRZ INTERSIL-ISL8272MAIRZ Datasheet
1Mb / 55P
   50A Digital DC/DC PMBus Power Module
January 14, 2015
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com