Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I401-335A2V-20.000 Datasheet(PDF) 2 Page - ILSI America LLC

Part # I401-335A2V-20.000
Description  Leaded Oscillator, OCXO Metal Package, Full Size DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I401-335A2V-20.000 Datasheet(HTML) 2 Page - ILSI America LLC

  I401-335A2V-20.000 Datasheet HTML 1Page - ILSI America LLC I401-335A2V-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Leaded Oscillator, OCXO
Metal Package, Full Size DIP
I401
Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
01/11_C
Specifications subject to change without notice
Page 2
Pb Free Solder Reflow Profile:
Typical Application:
*Units are backward compatible with 240C reflow processes
Package Information:
MSL = N.A. (package does not contain plastic, storage life is
unlimited under normal room conditions).
Termination = e1 (Sn / Cu / Ag over Ni over Kovar base metal).
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1: ILSI and Date Code
Line 2: XXXXXX (Part Number detail = I401-XXXXXX-Freq.)
Line 2: Frequency


Similar Part No. - I401-335A2V-20.000

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
I400 PF-I400 Datasheet
420Kb / 1P
   AC Current Clamp
logo
ILLUMINANT CO., LTD
I4001-6XXT4827A ILLUMINANT-I4001-6XXT4827A Datasheet
873Kb / 12P
   PRODUCT SPECIFICATION FOR LCM
logo
ILSI America LLC
I405 ILSI-I405 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
I405-31511FA-20.000 ILSI-I405-31511FA-20.000 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
I405-31511FS-20.000 ILSI-I405-31511FS-20.000 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
More results

Similar Description - I401-335A2V-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
logo
Suntsu Electronics, Inc...
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
   Metal Full Size DIP CMOS OCXO
SOCFSS SUNTSU-SOCFSS Datasheet
476Kb / 3P
   Metal Full Size DIP Sinewave OCXO
logo
ILSI America LLC
I212 ILSI-I212 Datasheet
47Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
I202 ILSI-I202 Datasheet
48Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
logo
Mercury United Electron...
OC14E MERCURY-OC14E Datasheet
175Kb / 2P
   Full size 4 pin DIP full metal package
OC14T MERCURY-OC14T Datasheet
175Kb / 2P
   Full size 4 pin DIP full metal package
logo
Suntsu Electronics, Inc...
SXOFSC SUNTSU-SXOFSC Datasheet
371Kb / 3P
   Metal Full lf Size DIP CMOS Oscillator
logo
ILSI America LLC
I405 ILSI-I405 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com