Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4741 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4741
Description  1.0 Watt Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4741 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1SMA4741 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4741 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4741 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4741 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA4741 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMA4741 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Version:I13
RATINGS AND CHARACTERISTIC CURVES (1SMA4737 THRU 1SMA200Z)
0
0.25
0.5
0.75
1
1.25
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(℃)
FIG. 1 POWER TEMPERATURE DERATING CURVE
1
10
100
1000
110
100
Iz, ZENER CURRENT(mA)
FIG.4 EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
TA=25℃
Iz(rms)=0.1 Iz(dc)
f=1KHz
Iz = 1mA
5 mA
20mA
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VF, FORWARD VOLTAGE (V)
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
MINIMUM
MAXIMUM
70℃
150℃
25℃
0℃
1
10
100
1000
0
1
10
100
Iz, ZENER CURRENT (mA)
FIG.3 EFFECT OF ZENER CURRENT
ON ZENER IMPEDANCE
TA=25℃
Iz(rms)=0.1 Iz(dc)
f=1KHz
47V
27V
0.8V
0.001
0.01
0.1
1
10
100
1000
10000
345
6789
10
11
12
13
14
15
Vz, NOMINAL ZENER VOLTAGE(V)
FIG.5 TYPICAL LEAKAGE CURRENT
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
125℃
25℃


Similar Part No. - 1SMA4741

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741 Datasheet
139Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4741 TSC-1SMA4741 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
1SMA4741 TSC-1SMA4741 Datasheet
199Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1SMA4741 CDIL-1SMA4741 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA4741

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA4762R2 TSC-1SMA4762R2 Datasheet
199Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4737 TSC-1SMA4737_11 Datasheet
139Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
logo
Thinki Semiconductor Co...
1SMA4726A THINKISEMI-1SMA4726A Datasheet
1Mb / 2P
   1.0 Watt Surface Mount Type Silicon Zener Diodes (2.7 Volt)
logo
Bytesonic Electronics C...
1SMA4728A BYTESONIC-1SMA4728A Datasheet
601Kb / 4P
   1.0 WATT SURFACE MOUNTSILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Thinki Semiconductor Co...
1SMA4728 THINKISEMI-1SMA4728 Datasheet
648Kb / 5P
   1.0 Watt Surface Mount Type Silicon Zener Diodes (3.3Volt thru 100Volt)
logo
Micro Commercial Compon...
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com